Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2378CDE-20PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2378CDE-20PBF
Description  20-Bit, 1Msps, Low Power SAR ADC with 0.5ppm INL
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2378CDE-20PBF Datasheet(HTML) 4 Page - Linear Technology

  LTC2378CDE-20PBF Datasheet HTML 1Page - Linear Technology LTC2378CDE-20PBF Datasheet HTML 2Page - Linear Technology LTC2378CDE-20PBF Datasheet HTML 3Page - Linear Technology LTC2378CDE-20PBF Datasheet HTML 4Page - Linear Technology LTC2378CDE-20PBF Datasheet HTML 5Page - Linear Technology LTC2378CDE-20PBF Datasheet HTML 6Page - Linear Technology LTC2378CDE-20PBF Datasheet HTML 7Page - Linear Technology LTC2378CDE-20PBF Datasheet HTML 8Page - Linear Technology LTC2378CDE-20PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC2378-20
4
237820f
For more information www.linear.com/LTC2378-20
aDc TiMing characTerisTics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSMPL
Maximum Sampling Frequency
l
1
Msps
tCONV
Conversion Time
l
615
675
ns
tACQ
Acquisition Time
tACQ = tCYC – tCONV – tBUSYLH (Note 10)
l
312
ns
tCYC
Time Between Conversions
l
1
µs
tCNVH
CNV High Time
l
20
ns
tBUSYLH
CNV
↑ to BUSY Delay
CL = 20pF
l
13
ns
tCNVL
Minimum Low Time for CNV
(Note 11)
l
20
ns
tQUIET
SCK Quiet Time from CNV
(Note 10)
l
20
ns
tSCK
SCK Period
(Notes 11, 12)
l
10
ns
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
power requireMenTs
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Supply Voltage
l
2.375
2.5
2.625
V
OVDD
Supply Voltage
l
1.71
5.25
V
IVDD
IOVDD
IPD
Supply Current
Supply Current
Power Down Mode
1Msps Sample Rate
1Msps Sample Rate (CL = 20pF)
Conversion Done (IVDD + IOVDD + IREF)
l
l
8.4
0.2
1
10
90
mA
mA
µA
PD
Power Dissipation
Power Down Mode
1Msps Sample Rate
Conversion Done (IVDD + IOVDD + IREF)
21
2.5
25
225
mW
µW
The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
reFerence inpuT
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF
Reference Voltage
(Note 5)
l
2.5
5.1
V
IREF
Reference Input Current
(Note 9)
l
0.94
1.1
mA
VIHDGC
High Level Input Voltage REF/DGC Pin
l
0.8VREF
V
VILDGC
Low Level Input Voltage REF/DGC Pin
l
0.2VREF
V
The l denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 4)
DigiTal inpuTs anD DigiTal ouTpuTs
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
l
0.8 • OVDD
V
VIL
Low Level Input Voltage
l
0.2 • OVDD
V
IIN
Digital Input Current
VIN = 0V to OVDD
l
–10
10
µA
CIN
Digital Input Capacitance
5
pF
VOH
High Level Output Voltage
IO = –500µA
l
OVDD – 0.2
V
VOL
Low Level Output Voltage
IO = 500µA
l
0.2
V
IOZ
Hi-Z Output Leakage Current
VOUT = 0V to OVDD
l
–10
10
µA
ISOURCE
Output Source Current
VOUT = 0V
–10
mA
ISINK
Output Sink Current
VOUT = OVDD
10
mA
The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)


Similar Part No. - LTC2378CDE-20PBF

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LTC2378CDE-16 LINEAR_DIMENSIONS-LTC2378CDE-16 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
More results

Similar Description - LTC2378CDE-20PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2378-20 LINER-LTC2378-20_15 Datasheet
975Kb / 28P
   20-Bit, 1Msps, Low Power SAR ADC with 0.5ppm INL
LTC2376-20 LINER-LTC2376-20_15 Datasheet
980Kb / 30P
   20-Bit, 250ksps, Low Power SAR ADC with 0.5ppm INL
LTC2377-20 LINER-LTC2377-20_15 Datasheet
994Kb / 30P
   20-Bit, 500ksps, Low Power SAR ADC with 0.5ppm INL
logo
Maxim Integrated Produc...
MAX11904 MAXIM-MAX11904 Datasheet
825Kb / 29P
   20-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
logo
Linear Technology
LTC2383-16 LINER-LTC2383-16 Datasheet
1Mb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with Serial Interface
LTC2383-16 LINER-LTC2383-16_15 Datasheet
1Mb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with Serial Interface
logo
Linear Dimensions Semic...
LTC2378-16 LINEAR_DIMENSIONS-LTC2378-16 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
logo
Linear Technology
LTC2378-18 LINER-LTC2378-18_15 Datasheet
2Mb / 24P
   18-Bit, 1Msps, Low Power SAR ADC with 102dB SNR
LTC2378-16 LINER-LTC2378-16_15 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
logo
Maxim Integrated Produc...
MAX11900 MAXIM-MAX11900 Datasheet
969Kb / 29P
   16-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com