Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F193SJ Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74F193SJ
Description  Up/Down Binary Counter with Separate Up/Down Clocks
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F193SJ Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74F193SJ Datasheet HTML 1Page - Fairchild Semiconductor 74F193SJ Datasheet HTML 2Page - Fairchild Semiconductor 74F193SJ Datasheet HTML 3Page - Fairchild Semiconductor 74F193SJ Datasheet HTML 4Page - Fairchild Semiconductor 74F193SJ Datasheet HTML 5Page - Fairchild Semiconductor 74F193SJ Datasheet HTML 6Page - Fairchild Semiconductor 74F193SJ Datasheet HTML 7Page - Fairchild Semiconductor 74F193SJ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Functional Description
The 74F193 is a 4-bit binary synchronous up/down (revers-
ible) counter. It contains four edge-triggered flip-flops, with
internal gating and steering logic to provide master reset,
individual preset, count up and count down operations.
A LOW-to-HIGH transition on the CP input to each flip-flop
causes the output to change state. Synchronous switching,
as opposed to ripple counting, is achieved by driving the
steering gates of all stages from a common Count Up line
and a common Count Down line, thereby causing all state
changes to be initiated simultaneously. A LOW-to-HIGH
transition on the Count Up input will advance the count by
one; a similar transition on the Count Down input will
decrease the count by one. While counting with one clock
input, the other should be held HIGH, as indicated in the
Function Table.
The Terminal Count Up (TCU) and Terminal Count Down
(TCD) outputs are normally HIGH. When the circuit has
reached the maximum count state 15, the next HIGH-to-
LOW transition of the Count Up Clock will cause TCU to go
LOW. TCU will stay LOW until CPU goes HIGH again, thus
effectively repeating the Count Up Clock, but delayed by
two gate delays. Similarly, the TCD output will go LOW
when the circuit is in the zero state and the Count Down
Clock goes LOW. Since the TC outputs repeat the clock
waveforms, they can be used as the clock input signals to
the next higher order circuit in a multistage counter.
TCU = Q0 • Q1 • Q2 • Q3 • CPU
TCD = Q0• Q1 • Q2 • Q3 • CPD
The 74F193 has an asynchronous parallel load capability
permitting the counter to be preset. When the Parallel Load
(PL) and the Master Reset (MR) inputs are LOW, informa-
tion present on the Parallel Data input (P0–P3) is loaded
into the counter and appears on the outputs regardless of
the conditions of the clock inputs. A HIGH signal on the
Master Reset input will disable the preset gates, override
both clock inputs, and latch each Q output in the LOW
state. If one of the clock inputs is LOW during and after a
reset or load operation, the next LOW-to-HIGH transition of
that clock will be interpreted as a legitimate signal and will
be counted.
Function Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
 = LOW-to-HIGH Clock Transition
State Diagram
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
CPU
Count Up Clock Input (Active Rising Edge)
1.0/3.0
20
µA/−1.8 mA
CPD
Count Down Clock Input (Active Rising Edge)
1.0/3.0
20
µA/−1.8 mA
MR
Asynchronous Master Reset Input (Active HIGH)
1.0/1.0
20
µA/−0.6 mA
PL
Asynchronous Parallel Load Input (Active LOW)
1.0/1.0
20
µA/−0.6 mA
P0–P3
Parallel Data Inputs
1.0/1.0
20
µA/−0.6 mA
Q0–Q3
Flip-Flop Outputs
50/33.3
−1 mA/20 mA
TCD
Terminal Count Down (Borrow) Output (Active LOW)
50/33.3
−1 mA/20 mA
TCU
Terminal Count Up (Carry) Output (Active LOW)
50/33.3
−1 mA/20 mA
MR
PL
CPU
CPD
Mode
H
X
X
X
Reset (Asyn.)
L
L
X
X
Preset (Asyn.)
L
H
H
H
No Change
LH

H
Count Up
LH
H

Count Down


Similar Part No. - 74F193SJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F193SJ NSC-74F193SJ Datasheet
191Kb / 10P
   Up/Down Binary Counter with Separate Up/Down Clocks
More results

Similar Description - 74F193SJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F193DM NSC-54F193DM Datasheet
191Kb / 10P
   Up/Down Binary Counter with Separate Up/Down Clocks
logo
NXP Semiconductors
74F193 PHILIPS-74F193 Datasheet
104Kb / 12P
   Up/down binary counter with separate up/down clocks
1995 Jul 17
logo
Fairchild Semiconductor
74F192 FAIRCHILD-74F192 Datasheet
65Kb / 7P
   Up/Down Decade Counter with Separate Up/Down Clocks
74F192 FAIRCHILD-74F192_00 Datasheet
87Kb / 7P
   Up/Down Decade Counter with Separate Up/Down Clocks
logo
National Semiconductor ...
54F192DM NSC-54F192DM Datasheet
193Kb / 10P
   Up/Down Decade Counter with Separate Up/Down Clocks
54LS192 NSC-54LS192 Datasheet
172Kb / 8P
   54LS192/DM74LS192 Up/Down Decade Counter with Separate Up/Down Clocks
logo
Hitachi Semiconductor
HD14516B HITACHI-HD14516B Datasheet
100Kb / 8P
   Binary Up/Down Counter
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B_06 Datasheet
123Kb / 11P
   Binary Up/Down Counter
June, 2006 ??Rev. 7
logo
NXP Semiconductors
HEF4516B PHILIPS-HEF4516B Datasheet
129Kb / 10P
   Binary up/down counter
January 1995
HEF4516B NXP-HEF4516B_09 Datasheet
158Kb / 16P
   Binary up/down counter
Rev. 06-11 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com