Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7341-30 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE7341-30
Description  30 dB Fixed Attenuator, N Female To TNC Male Directional Rated To 50 Watts Up To 18 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7341-30 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE7341-30 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7341-30 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7341-30 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
© 2012 Pasternack Enterprises All Rights Reserved
30 dB Fixed Attenuator, N Female To TNC Male
Directional Rated To 50 Watts Up To 18 GHz
PE7341-30
CAD Drawing
PE7341-30 REV NC


Similar Part No. - PE7341-30

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7341-3 PASTERNACK-PE7341-3 Datasheet
350Kb / 3P
   3 dB Fixed Attenuator, N Female To TNC Male Directional Rated To 50 Watts Up To 18 GHz
More results

Similar Description - PE7341-30

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7350-30 PASTERNACK-PE7350-30 Datasheet
350Kb / 3P
   30 dB Fixed Attenuator, TNC Male To TNC Female Directional Rated To 50 Watts Up To 18 GHz
PE7326-30 PASTERNACK-PE7326-30 Datasheet
351Kb / 3P
   30 dB Fixed Attenuator, TNC Male To N Female Directional Rated To 50 Watts Up To 18 GHz
PE7319-30 PASTERNACK-PE7319-30 Datasheet
350Kb / 3P
   30 dB Fixed Attenuator, TNC Female To N Male Directional Rated To 50 Watts Up To 18 GHz
PE7346-30 PASTERNACK-PE7346-30 Datasheet
350Kb / 3P
   30 dB Fixed Attenuator, N Male To TNC Female Directional Rated To 50 Watts Up To 18 GHz
PE7351-30 PASTERNACK-PE7351-30 Datasheet
350Kb / 3P
   30 dB Fixed Attenuator, TNC Female To TNC Female Directional Rated To 50 Watts Up To 18 GHz
PE7327-30 PASTERNACK-PE7327-30 Datasheet
350Kb / 3P
   30 dB Fixed Attenuator, TNC Female To N Female Directional Rated To 50 Watts Up To 18 GHz
PE7320-30 PASTERNACK-PE7320-30 Datasheet
350Kb / 3P
   30 dB Fixed Attenuator, TNC Female To N Female Directional Rated To 50 Watts Up To 18 GHz
PE7341-50 PASTERNACK-PE7341-50 Datasheet
351Kb / 3P
   50 dB Fixed Attenuator, N Female To TNC Male Directional Rated To 50 Watts Up To 18 GHz
PE7347-30 PASTERNACK-PE7347-30 Datasheet
350Kb / 3P
   30 dB Fixed Attenuator, N Female To TNC Female Directional Rated To 50 Watts Up To 18 GHz
PE7319-50 PASTERNACK-PE7319-50 Datasheet
350Kb / 3P
   50 dB Fixed Attenuator, TNC Female To N Male Directional Rated To 50 Watts Up To 18 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com