Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W1920G0915 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # W1920G0915
Description  Omni Directional Blade Antenna
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W1920G0915 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  W1920G0915 Datasheet HTML 1Page - Pulse A Technitrol Company W1920G0915 Datasheet HTML 2Page - Pulse A Technitrol Company W1920G0915 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
W1920G0915 / W1920G3658 Datasheet version 1.0 Omni Directional Blade. (10/09)
© 2010. All Rights Reserved.
Omni Directional Blade Antenna
Penta Band 110mm x 22mm x 5 mm. Pulse Part Numbers: W1920G0915 / W1920G3658
Pulse Finland Oy
Takatie 6
90440
Kempele, Finland
Tel: +358 207 935 500
Fax: +358 207 935 501
www.pulseeng.com/antennas
Pulse
M2M
Antennas
Plastic radome
Thermoplastic Elastomer (TPE)
Color
Black
Weight
29.0 g 3’ Cable /
65.0 g 12’ Cable
Overall length
110 x 22 x 5 mm
4.33 x .87 x .20 inches
Mounting system
Adhesive tape
Operating temperature
-30/+60°C
Features
- Compact size W x L x H (110 x 22 x 5 mm)
- Connetor – SMA Male
- Cable type RG-174
- Other Cable lengths and Connector
variations available on request
- Adhesive option
- Cable length 3 feet and 12 feet
- RoHS Compliant Product
Applications
- Frequency range (850/900/1800/1900/2100)
Electrical specifications @ +25 °C
Measured in free space
Mechanical and Environmental Characteristics
SMR-
AMPS-GSM
824-960
50
1
50
Omni-directional in the
horizonal plane
Vertical
3
DCS-PCS
1710-2170
50
1.5
60
Frequency [MHz]
Nominal Impedance [Ω]
Peak Gain [dBi Avg]
Efficiency [% Avg]
Radiation Pattern
Polarization
Power Withstanding [W]
W1920G3658
SMA Male
3658 mm / 12 ft
RG174 Black
W1920G0915
915 mm / 3 ft
Antenna Part No.
Connector
Cable Length
Cable Type


Similar Part No. - W1920G0915

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W1920 PULSE-W1920 Datasheet
328Kb / 3P
   Omni Directional Blade Antenna
More results

Similar Description - W1920G0915

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W1920 PULSE-W1920 Datasheet
328Kb / 3P
   Omni Directional Blade Antenna
W5067 PULSE-W5067 Datasheet
490Kb / 7P
   Radome Omni ??Omni directional Antenna
logo
Maxtena Inc.
MEA-960-LTE MAXTENA-MEA-960-LTE Datasheet
617Kb / 4P
   OMNI-DIRECTIONAL ANTENNA
REV A
MEA-UWB-LTE-90 MAXTENA-MEA-UWB-LTE-90 Datasheet
1Mb / 5P
   OMNI-DIRECTIONAL ANTENNA
REV A
logo
Ultralife Corporation.
AV460 ULTRALIFE-AV460 Datasheet
68Kb / 1P
   Omni-directional Broadband Antenna
23NOV10 REV:-
logo
Pasternack Enterprises,...
PE-W15A001 PASTERNACK-PE-W15A001 Datasheet
339Kb / 2P
   Omni-Directional Antenna Operating
logo
Maxtena Inc.
MEA-698-2700-AM MAXTENA-MEA-698-2700-AM Datasheet
673Kb / 3P
   OMNI-DIRECTIONAL LTE ANTENNA
REV A
logo
Level One
OAN-0501 LVL1-OAN-0501 Datasheet
137Kb / 2P
   Omni-directional 5dBi Indoor Antenna
logo
World Produts Inc.
WPANT30057-RA WPI-WPANT30057-RA Datasheet
69Kb / 2P
   5.8 GHz Omni-Directional Antenna
logo
Level One
OAN-1070 LVL1-OAN-1070 Datasheet
219Kb / 3P
   Omni-directional 7dBi Indoor Antenna
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com