Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F157ASJ Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74F157ASJ
Description  Quad 2-Input Multiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F157ASJ Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74F157ASJ Datasheet HTML 1Page - Fairchild Semiconductor 74F157ASJ Datasheet HTML 2Page - Fairchild Semiconductor 74F157ASJ Datasheet HTML 3Page - Fairchild Semiconductor 74F157ASJ Datasheet HTML 4Page - Fairchild Semiconductor 74F157ASJ Datasheet HTML 5Page - Fairchild Semiconductor 74F157ASJ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Truth Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Functional Description
The F157A is a quad 2-input multiplexer. It selects four bits
of data from two sources under the control of a common
Select input (S). The Enable input (E) is active LOW. When
E is HIGH, all of the outputs (Z) are forced LOW regardless
of all other inputs. The F157A is the logic implementation of
a 4-pole, 2-position switch where the position of the switch
is determined by the logic levels supplied to the Select
input. The logic equations for the outputs are shown below:
Zn = E • (I1nS + I0n S)
A common use of the F157A is the moving of data from two
groups of registers to four common output busses. The
particular register from which the data comes is determined
by the state of the Select input. A less obvious use is as a
function generator. The F157A can generate any four of
the 16 different functions of two variables with one variable
common. This is useful for implementing highly irregular
logic.
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
I0a–I0d
Source 0 Data Inputs
1.0/1.0
20
µA/−0.6 mA
I1a–I1d
Source 1 Data Inputs
1.0/1.0
20
µA/−0.6 mA
E
Enable Input (Active LOW)
1.0/1.0
20
µA/−0.6 mA
S
Select Input
1.0/1.0
20
µA/−0.6 mA
Za–Zd
Outputs
50/33.3
−1 mA/20 mA
Inputs
Output
E
S
I0
I1
Z
HX
X
X
L
LH
X
L
L
LH
X
H
H
LL
L
X
L
LL
H
X
H


Similar Part No. - 74F157ASJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F157ASJ NSC-74F157ASJ Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
More results

Similar Description - 74F157ASJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
   Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
   Quad 2-input multiplexer
1998 Apr 30
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
   Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com