Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3184 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C3184
Description  12C 18 7/0.0152 BC FLEX OAS FLEX TYPE CMP / CL3P
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C3184 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C3184 Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: C3184
Date:
7/7/2007
Revision Level:
0
12C 18 7/0.0152 BC FLEX OAS FLEX
TYPE CMP / CL3P
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
#18 AWG 7/0.0152 Bare Copper
0.007" Wall FLEXGUARD*
0.015"Wall FLEXGUARD* - Natural
0.047” nom.
CAROL (R) 18 AWG -- C3184 -- 75C E60233-8 (UL) CL3P --- C(UL) CMP -- MADE IN USA
DATE CODE
(PRINT EVERY 2 FT)
12 conductors @ 3.00” LHL w/ AL/Polypro (foil out)
0.250" nom.
-Plenum ripcord under jacket.
0.059" nom.
0.280" +/- 0.009"
& #22 AWG TC drain wire.
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
75C
150 Vrms (CL3P) / 300Vrms (CMP)
6.4 Ohms/1000 ft. nom. @ 20C
National Electrical Code
Article 725
UL Standard 13
Type CL3P
National Electrical Code
Article 800
UL Standard 444
Type CMP
1
2
3
4
5
6
7
8
9
10
11
12
Black
White
Red
Green
Brown
Blue
Orange
Yellow
Purple
Gray
Pink
Tan
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.
*FLEXGUARD is a trademark of General Cable Corporation for polymer alloy insulation and jackets.


Similar Part No. - C3184

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C318 KEMET-C318 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
General Cable Technolog...
C3180 GENERAL-C3180 Datasheet
74Kb / 1P
   8C 18 7/26 BC OAS FLEX PVDF TYPE CL2P / CMP
C3181 GENERAL-C3181 Datasheet
74Kb / 1P
   10C 18 7/26 BC OAS FLEX PVDF TYPE CL2P / CMP
C3182 GENERAL-C3182 Datasheet
74Kb / 1P
   12C 18 7/26 BC OAS FLEX PVDF TYPE CL2P / CMP
C3183 GENERAL-C3183 Datasheet
74Kb / 1P
   10C 18 7/0.0152 BC FLEX OAS FLEX TYPE CMP / CL3P
More results

Similar Description - C3184

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C3183 GENERAL-C3183 Datasheet
74Kb / 1P
   10C 18 7/0.0152 BC FLEX OAS FLEX TYPE CMP / CL3P
C3182 GENERAL-C3182 Datasheet
74Kb / 1P
   12C 18 7/26 BC OAS FLEX PVDF TYPE CL2P / CMP
C3179 GENERAL-C3179 Datasheet
74Kb / 1P
   12C 18 7/26 BC FLEX PVDF TYPE CL2P / CMP
C3159 GENERAL-C3159 Datasheet
74Kb / 1P
   4C 22 7/30 TC FLEX OAS FLEX TYPE CMP / CL3P
C3362 GENERAL-C3362 Datasheet
74Kb / 1P
   2P 18 7/26 BC FLEX OAS PVDF TYPE CL2P / CMP
C3163 GENERAL-C3163 Datasheet
74Kb / 1P
   4C 18 7/26 BC OAS FLEX PVDF TYPE CL2P / CMP
C3162 GENERAL-C3162 Datasheet
73Kb / 1P
   2C 18 7/26 BC OAS FLEX PVDF TYPE CL2P / CMP
C3181 GENERAL-C3181 Datasheet
74Kb / 1P
   10C 18 7/26 BC OAS FLEX PVDF TYPE CL2P / CMP
C3164 GENERAL-C3164 Datasheet
73Kb / 1P
   3C 18 7/26 BC OAS FLEX PVDF TYPE CL2P / CMP
C3364 GENERAL-C3364 Datasheet
74Kb / 1P
   4P 18 7/26 BC FLEX OAS PVDF TYPE CL2P / CMP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com