Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F1071 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74F1071
Description  18-Bit Undershoot/Overshoot Clamp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F1071 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  74F1071 Datasheet HTML 1Page - Fairchild Semiconductor 74F1071 Datasheet HTML 2Page - Fairchild Semiconductor 74F1071 Datasheet HTML 3Page - Fairchild Semiconductor 74F1071 Datasheet HTML 4Page - Fairchild Semiconductor 74F1071 Datasheet HTML 5Page - Fairchild Semiconductor 74F1071 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.fairchildsemi.com
6
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Package Number MTC20
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


Similar Part No. - 74F1071

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F1071 FAIRCHILD-74F1071 Datasheet
99Kb / 6P
   18-Bit Undershoot/Overshoot Clamp and ESD Protection Device
74F1071MSA FAIRCHILD-74F1071MSA Datasheet
99Kb / 6P
   18-Bit Undershoot/Overshoot Clamp and ESD Protection Device
74F1071MSAX_NL FAIRCHILD-74F1071MSAX_NL Datasheet
99Kb / 6P
   18-Bit Undershoot/Overshoot Clamp and ESD Protection Device
74F1071MTC FAIRCHILD-74F1071MTC Datasheet
99Kb / 6P
   18-Bit Undershoot/Overshoot Clamp and ESD Protection Device
74F1071MTCX_NL FAIRCHILD-74F1071MTCX_NL Datasheet
99Kb / 6P
   18-Bit Undershoot/Overshoot Clamp and ESD Protection Device
More results

Similar Description - 74F1071

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F1071 FAIRCHILD-74F1071_05 Datasheet
99Kb / 6P
   18-Bit Undershoot/Overshoot Clamp and ESD Protection Device
logo
TT Electronics.
QDN002 TTELEC-QDN002 Datasheet
453Kb / 2P
   Reduces overshoot and undershoot for all data line types
logo
Texas Instruments
TS5A623157 TI1-TS5A623157_14 Datasheet
1Mb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
TS5A623157 TI-TS5A623157 Datasheet
738Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
SN74CBTK32245 TI-SN74CBTK32245 Datasheet
274Kb / 10P
[Old version datasheet]   32 BIT FET BUS SWITCH WITH ACTIVE CLAMP UNDERSHOOT PROTECTION CIRCUIT
SN74CBTK16245 TI-SN74CBTK16245 Datasheet
350Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH WITH ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
SN74CBTK6800 TI1-SN74CBTK6800 Datasheet
693Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
logo
Littelfuse
A0709SCLRP LITTELFUSE-A0709SCLRP Datasheet
2Mb / 4P
   Low voltage overshoot
logo
Pericom Semiconductor C...
PI5C3125C PERICOM-PI5C3125C Datasheet
286Kb / 6P
   4-Bit BusSwitch with -2V Undershoot Protection
logo
Fairchild Semiconductor
FSTU3384 FAIRCHILD-FSTU3384_06 Datasheet
109Kb / 5P
   10-Bit Bus Switch with −2V Undershoot Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com