Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY125N10T Datasheet(PDF) 4 Page - HY ELECTRONIC CORP.

Part # HY125N10T
Description  100V / 125A N-Channel Enhancement Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

HY125N10T Datasheet(HTML) 4 Page - HY ELECTRONIC CORP.

  HY125N10T Datasheet HTML 1Page - HY ELECTRONIC CORP. HY125N10T Datasheet HTML 2Page - HY ELECTRONIC CORP. HY125N10T Datasheet HTML 3Page - HY ELECTRONIC CORP. HY125N10T Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HY125N10T
Typical Characteristics Curves ( T
C=25℃, unless otherwise noted)
0
40
80
120
160
200
0
25
50
75
100
125
150
175
T
J - Junction Temperature (
oC)
0.01
0.1
1
10
100
1000
0.2
0.4
0.6
0.8
1
1.2
1.4
V
SD - Source-to-Drain Voltage (V)
T
J = 125
oC
25oC
V
GS = 0V
-55oC
Fig.7 Power Derating Curve
Fig.9 Body Diode Forward Voltage Characteristic
0.8
0.9
1
1.1
1.2
-50
-25
0
25
50
75
100 125 150 175
T
J - Junction Temperature (
oC)
I
D = 250mA
Fig.8 Breakdown Voltage vs Junction Temperature
REV.1, 8-May-2012
PAGE.4


Similar Part No. - HY125N10T

ManufacturerPart #DatasheetDescription
logo
LEM
HY12-P LEM-HY12-P Datasheet
109Kb / 2P
   Current Transducers HY 5 to 25-P
HY12-P LEM-HY12-P Datasheet
685Kb / 2P
   Current Transducers
HY12-P/SP1 LEM-HY12-P/SP1 Datasheet
141Kb / 2P
   Current Transducers HY 5 to 25-P/SP1
logo
HUAYI MICROELECTRONICS ...
HY1203S HUAYI-HY1203S Datasheet
918Kb / 10P
   N-Channel Enhancement Mode MOSFET
HY1206D HUAYI-HY1206D Datasheet
1Mb / 11P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - HY125N10T

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN10H099SK3 DIODES-DMN10H099SK3_15 Datasheet
361Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN10A08E6 ZETEX-ZXMN10A08E6_05 Datasheet
186Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A08DN8 DIODES-ZXMN10A08DN8 Datasheet
185Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LE DIODES-DMN10H220LE_15 Datasheet
500Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LVT DIODES-DMN10H220LVT_15 Datasheet
400Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN3310F DIODES-ZVN3310F_15 Datasheet
180Kb / 5P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com