Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR112UE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # XTR112UE4
Description  4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR112UE4 Datasheet(HTML) 5 Page - Texas Instruments

  XTR112UE4 Datasheet HTML 1Page - Texas Instruments XTR112UE4 Datasheet HTML 2Page - Texas Instruments XTR112UE4 Datasheet HTML 3Page - Texas Instruments XTR112UE4 Datasheet HTML 4Page - Texas Instruments XTR112UE4 Datasheet HTML 5Page - Texas Instruments XTR112UE4 Datasheet HTML 6Page - Texas Instruments XTR112UE4 Datasheet HTML 7Page - Texas Instruments XTR112UE4 Datasheet HTML 8Page - Texas Instruments XTR112UE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
®
XTR112, XTR114
TYPICAL PERFORMANCE CURVES
At TA = +25°C, and V+ = 24V, unless otherwise noted.
20mA
STEP RESPONSE
25
µs/div
RG = 125Ω
RG = 2kΩ
4mA
10
100
1k
10k
100k
Frequency (Hz)
1M
110
100
90
80
70
60
50
40
30
20
COMMON-MODE REJECTION RATIO vs FREQUENCY
R
G = 2kΩ
R
G = 125Ω
100
1k
10k
100k
Frequency (Hz)
TRANSCONDUCTANCE vs FREQUENCY
1M
50
40
30
20
10
0
R
G = 125Ω
R
G = 500Ω
R
G = 2kΩ
–75
–50
–25
0
25
50
75
100
Temperature (
°C)
OVER-SCALE CURRENT vs TEMPERATURE
125
29
28
27
26
25
24
23
V+ = 7.5V
V+ = 36V
V+ = 24V
With External Transistor
–75
–50
–25
0
25
50
75
100
Temperature (
°C)
UNDER-SCALE CURRENT vs TEMPERATURE
125
1.45
1.4
1.35
1.3
1.25
1.2
1.15
1.1
1.05
1
0.95
XTR114
XTR112
10
100
1k
10k
100k
Frequency (Hz)
POWER-SUPPLY REJECTION RATIO vs FREQUENCY
1M
140
120
100
80
60
40
20
0
R
G = 2kΩ
R
G = 125Ω


Similar Part No. - XTR112UE4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR112U BURR-BROWN-XTR112U Datasheet
255Kb / 16P
   4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
XTR112UA BURR-BROWN-XTR112UA Datasheet
255Kb / 16P
   4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
More results

Similar Description - XTR112UE4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR112 BURR-BROWN-XTR112 Datasheet
255Kb / 16P
   4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
logo
Texas Instruments
XTR105 TI1-XTR105_15 Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105 TI1-XTR105 Datasheet
576Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105UAG4 TI-XTR105UAG4 Datasheet
722Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Burr-Brown (TI)
XTR105 BURR-BROWN-XTR105 Datasheet
265Kb / 15P
   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Texas Instruments
XTR105-DIE TI1-XTR105-DIE Datasheet
110Kb / 5P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER WITH SENSOR EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR103 BURR-BROWN-XTR103 Datasheet
222Kb / 10P
   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
logo
Texas Instruments
XTR103 TI1-XTR103 Datasheet
171Kb / 11P
[Old version datasheet]   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR106 BURR-BROWN-XTR106 Datasheet
272Kb / 15P
   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
logo
Texas Instruments
XTR104 TI1-XTR104 Datasheet
139Kb / 12P
[Old version datasheet]   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com