Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR117AIDGKT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # XTR117AIDGKT
Description  4-20mA Current-Loop Transmitter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR117AIDGKT Datasheet(HTML) 3 Page - Texas Instruments

  XTR117AIDGKT Datasheet HTML 1Page - Texas Instruments XTR117AIDGKT Datasheet HTML 2Page - Texas Instruments XTR117AIDGKT Datasheet HTML 3Page - Texas Instruments XTR117AIDGKT Datasheet HTML 4Page - Texas Instruments XTR117AIDGKT Datasheet HTML 5Page - Texas Instruments XTR117AIDGKT Datasheet HTML 6Page - Texas Instruments XTR117AIDGKT Datasheet HTML 7Page - Texas Instruments XTR117AIDGKT Datasheet HTML 8Page - Texas Instruments XTR117AIDGKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
XTR117
SBOS344C − SEPTEMBER 2005 − REVISED MAY 2012
www.ti.com
3
ELECTRICAL CHARACTERISTICS: V+ = +24V
Boldface limits apply over the temperature range, TA = −40°C to +125°C.
All specifications at TA = +25°C, V+ = 24V, RIN = 20kΩ, and TIP29C external transistor, unless otherwise noted.
XTR117
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
OUTPUT
Output Current Equation
IO
IO = IIN x 100
Output Current, Linear Range
0.20
25
mA
Over-Scale Limit
ILIM
32
mA
Under-Scale Limit
IMIN
IREG = 0
0.13
0.20
mA
SPAN
Span (Current Gain)
S
100
A/A
Error(1)
IO = 200μA to 25mA
±0.05
±0.4
%
vs Temperature
TA = −40°C to +125°C
±3
±20
ppm/°C
Nonlinearity
IO = 200μA to 25mA
±0.003
±0.02
%
INPUT
Offset Voltage (Op Amp)
VOS
IIN = 40μA
±100
±500
μV
vs Temperature
TA = −40°C to +125°C
±0.7
±6
μV/°C
vs Supply Voltage, V+
V+ = 7.5V to 40V
+0.1
+2
μV/V
Bias Current
IB
−35
nA
vs Temperature
TA = −40°C to +125°C
150
pA/°C
Noise: 0.1Hz to 10Hz
en
0.6
μVPP
DYNAMIC RESPONSE
Small-Signal Bandwidth
CLOOP = 0, RL = 0
380
kHz
Slew Rate
3.2
mA/μs
VREG(2)
Voltage
5
V
Voltage Accuracy
IREG = 0
±0.05
±0.1
V
vs Temperature
TA = −40°C to +125°C
±0.1
mV/°C
vs Supply Voltage, V+
V+ = 7.5V to 40V
1
mV/V
vs Output Current
See Typical Characteristics
Short-Circuit Current
12
mA
POWER SUPPLY
Specified Voltage Range
V+
+24
V
Operating Voltage Range
+7.5
+40
V
Quiescent Current
IQ
130
200
μA
Over Temperature
TA = −40°C to +125°C
250
μA
TEMPERATURE RANGE
Specified Range
−40
+125
°C
Operating Range
−55
+125
°C
Storage Range
−55
+150
°C
Thermal Resistance
qJA
MSOP
150
°C/W
DFN
53
°C/W
(1) Does not include initial error or temperature coefficient of RIN.
(2) Voltage measured with respect to IRET pin.


Similar Part No. - XTR117AIDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR117AIDGKT TI-XTR117AIDGKT Datasheet
187Kb / 11P
[Old version datasheet]   4-20mA Current-Loop Transmitter
More results

Similar Description - XTR117AIDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR117 TI-XTR117 Datasheet
187Kb / 11P
[Old version datasheet]   4-20mA Current-Loop Transmitter
logo
List of Unclassifed Man...
ISO4-20MA ETC2-ISO4-20MA Datasheet
481Kb / 3P
   4-20mA Current Loop Isolator
logo
Burr-Brown (TI)
XTR115 BURR-BROWN-XTR115 Datasheet
81Kb / 7P
   4-20mA CURRENT LOOP TRANSMITTERS
logo
Texas Instruments
XTR115 TI1-XTR115 Datasheet
259Kb / 13P
[Old version datasheet]   4-20mA CURRENT LOOP TRANSMITTERS
logo
Burr-Brown (TI)
XTR501 BURR-BROWN-XTR501 Datasheet
57Kb / 7P
   HIGH CURRENT BRIDGE DRIVER and 4-20mA Transmitter
logo
Maxim Integrated Produc...
MAX12900EVKIT MAXIM-MAX12900EVKIT Datasheet
2Mb / 21P
   Loop-powered 4mA–20mA Transmitter with PWM Inputs
Rev 1; 11/17
logo
Texas Instruments
XTR105 TI1-XTR105 Datasheet
576Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Burr-Brown (TI)
XTR103 BURR-BROWN-XTR103 Datasheet
222Kb / 10P
   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
XTR106 BURR-BROWN-XTR106 Datasheet
272Kb / 15P
   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
logo
Texas Instruments
XTR105UAG4 TI-XTR105UAG4 Datasheet
722Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com