Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR446 Datasheet(PDF) 1 Page - Motorola, Inc

Part # XTR446
Description  Short-range business radio
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

XTR446 Datasheet(HTML) 1 Page - Motorola, Inc

  XTR446 Datasheet HTML 1Page - Motorola, Inc XTR446 Datasheet HTML 2Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Stay in touch,
Save Time,
Save Money
Radios are supplied
as a pair and
also include a
lightweight and
compact headset
to enable discrete
communications.
Value-for-money communications
for the modern business.
Technical specification
Channels
8
Codes
38 + CSQ
Operating frequency PMR446 (Licence-free frequencies)
446.00625 – 446.09375
Talk Range
Up to 8km (5 miles) can be achieved,
or exceeded, depending on
environment, terrain and conditions.
Power Source
Rechargeable NiMH battery pack
(supplied) or 4 AAA alkaline batteries
Transmit power
0.5 watts
Typical battery life
18 hours (NiMH rechargeable),
30 Hours (Premium alkaline)
Dimensions
Height 178 mm (including antenna),
118mm (excluding antenna)
Width: 58 mm
Depth: 34 mm
Weight
174g (with Belt Clip & Battery
* Assumes 5% transmit, 5% receive, 90% standby
Motorola Limited, EMEA Headquarters
Jays Close, Viables Industrial Estate, Basingstoke, RG22 4PD, UK
Telephone: +44 (0)1256 358211
www.motorola.com
MOTOROLA and the Stylised M Logo are registered in the US Patent & Trademark Office.
All other product or service names are the property of their respective owners.
© Motorola, Inc. 2007. All rights reserved.
XTR-RE(07/07)
For more information contact your Authorised Motorola Distributor.
XTR446
Short-range business radio
Hands-free (Vox) operation
Using the supplied headset (or any compatible accessory)
the radios can be used in a voice activated mode, leaving
your hands free to work.
Room Monitor
Radio can be positioned and set to detect voices or
sounds and transmit these back to the listening radio
without having to press the PTT
Interference eliminator codes
A choice of 38 interference eliminator codes can be set for
each of the 8 channels, providing a wide range of channel
settings and helping to avoid channel interference.
Auto Channel scan
All channels can be scanned and automatically detect
channel activity to enable use to respond quickly to multi-
channel communications


Similar Part No. - XTR446

ManufacturerPart #DatasheetDescription
logo
AUREL S.p.A.
XTR-8LR-4ZN AUREL-XTR-8LR-4ZN Datasheet
139Kb / 1P
   4 CHANNEL REMOTE CONTROL TM LoRa transmitter
15.10.2016 - Rev A
XTR-8LR-DEC AUREL-XTR-8LR-DEC Datasheet
72Kb / 1P
   4 CHANNEL DECODER TM LoRa transceiver
15.10.2016 - Rev A
XTR-8LR-ENC AUREL-XTR-8LR-ENC Datasheet
752Kb / 1P
   LoRa™ transceiver 4 CHANNEL ENCODER
15.10.2016-Rev A
XTR-8LR-REP AUREL-XTR-8LR-REP Datasheet
1Mb / 1P
   TM LoRa Repeater providing long range communication
XTR-8LR-SOS AUREL-XTR-8LR-SOS Datasheet
727Kb / 1P
   SOS Long Distance Remote Control based on LoRa™ modulation
More results

Similar Description - XTR446

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5058 EPCOS-B5058 Datasheet
91Kb / 8P
   SAW Rx Filter Business Radio
logo
Mercury United Electron...
45M30AU5MJ MERCURY-45M30AU5MJ Datasheet
97Kb / 1P
   Suitable for business radio and other radio communications .
21M30CS1 MERCURY-21M30CS1 Datasheet
99Kb / 1P
   Suitable for business radio and other radio communications .
21M30DS2 MERCURY-21M30DS2 Datasheet
100Kb / 1P
   Suitable for business radio and other radio communications
21M30AU5 MERCURY-21M30AU5 Datasheet
97Kb / 1P
   Suitable for business radio and other radio communications .
21M30AU5MJ MERCURY-21M30AU5MJ Datasheet
97Kb / 1P
   Suitable for business radio and other radio communications .
45M30AU1 MERCURY-45M30AU1 Datasheet
98Kb / 1P
   Suitable for business radio and other radio communications .
45M30AU1MJ MERCURY-45M30AU1MJ Datasheet
92Kb / 1P
   Suitable for business radio and other radio communications .
45M30AU5 MERCURY-45M30AU5 Datasheet
97Kb / 1P
   Suitable for business radio and other radio communications .
21M30AU1MJ MERCURY-21M30AU1MJ Datasheet
92Kb / 1P
   Suitable for business radio and other radio communications .
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com