Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR110AD Datasheet(PDF) 9 Page - Texas Instruments

Part # XTR110AD
Description  PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR110AD Datasheet(HTML) 9 Page - Texas Instruments

Back Button XTR110AD Datasheet HTML 5Page - Texas Instruments XTR110AD Datasheet HTML 6Page - Texas Instruments XTR110AD Datasheet HTML 7Page - Texas Instruments XTR110AD Datasheet HTML 8Page - Texas Instruments XTR110AD Datasheet HTML 9Page - Texas Instruments XTR110AD Datasheet HTML 10Page - Texas Instruments XTR110AD Datasheet HTML 11Page - Texas Instruments XTR110AD Datasheet HTML 12Page - Texas Instruments XTR110AD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
XTR110
9
SBOS141C
www.ti.com
TYPICAL APPLICATIONS
The XTR110 is ideal for a variety of applications requiring
high noise immunity current-mode signal transmission. The
precision +10V reference can be used to excite bridges and
transducers. Selectable ranges make it very useful as a
precision programmable current source. The compact design
and low price of the XTR110 allow versatility with a
minimum of external components and design engineering
expense.
Figures 8 through 10 show typical applications of the
XTR110.
FIGURE 8.
±200mA Current Pump.
16
1
13
14
7
6
8
10
9
15
12
11
4
3
5
2
+10V
Reference
+15V
A
4
A
3
R
9
15k
R
10
1k
Offset
Adjust
R
3
20k
R
5
2M
A
2
R
4
2k
T
3
A
1
R
2
4.99
R
7
4.75k
R
6
402
R
8 200Ω
Fine Trim
RH 50k
Coarse Trim
R
1
2
T
2
–15V
I
O
Span
Adjust
V
IN
V
IN (V)
10
5
0
200
–200
I
O (mA)
R
1, R2:
Low TC resistors to dissipate 0.32W continuous power.
For other current ranges, scale both resistors proportionately.
R
8, R10, R11:
10-turn trimpots for greatest sensitivity.
R
6, R7:
Low TC resistors.
A
1 - A4:
1/4 LM324 (powered by
±15V).
T
1:
International Rectifier IR9513
(1).
T
2:
International Rectifier IR513
(1).
T
3:
International Rectifier IRFF9113
(1).
NOTE: (1) Or other adequate power rating MOS transistor.
T
1


Similar Part No. - XTR110AD

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR110AG BURR-BROWN-XTR110AG Datasheet
148Kb / 9P
   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
More results

Similar Description - XTR110AD

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111 Datasheet
284Kb / 22P
   Precision Voltage-to-Current Converter/Transmitter
XTR110 BURR-BROWN-XTR110 Datasheet
148Kb / 9P
   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
logo
Texas Instruments
XTR111 TI1-XTR111_16 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111AIDGQR TI-XTR111AIDGQR Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111_14 Datasheet
1Mb / 33P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111_07 Datasheet
562Kb / 27P
   Precision Voltage-to-Current Converter/Transmitter
ALD1000 BURR-BROWN-ALD1000 Datasheet
153Kb / 14P
   Precision Programmable CURRENT/VOLTAGE TRANSMITTER
logo
Microchip Technology
TC1047 MICROCHIP-TC1047_13 Datasheet
168Kb / 12P
   Precision Temperature-to-Voltage Converter
11/29/12
TC962 MICROCHIP-TC962_05 Datasheet
468Kb / 12P
   Precision Temperature-to-Voltage Converter
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com