Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR110BG Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # XTR110BG
Description  PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR110BG Datasheet(HTML) 8 Page - Texas Instruments

Back Button XTR110BG Datasheet HTML 4Page - Texas Instruments XTR110BG Datasheet HTML 5Page - Texas Instruments XTR110BG Datasheet HTML 6Page - Texas Instruments XTR110BG Datasheet HTML 7Page - Texas Instruments XTR110BG Datasheet HTML 8Page - Texas Instruments XTR110BG Datasheet HTML 9Page - Texas Instruments XTR110BG Datasheet HTML 10Page - Texas Instruments XTR110BG Datasheet HTML 11Page - Texas Instruments XTR110BG Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
XTR110
8
SBOS141C
www.ti.com
FIGURE 6. Zero and Span of 0V to +10V Input, 4mA to
20mA Output Configuration (see Figure 5).
FIGURE 7. Zero and Span of 0V to +10V
IN, 0mA to 20mA
Output Configuration (see Figure 5).
at 0mA, the following special procedure is recommended:
set the input to a small nonzero value and then adjust R1 to
the proper output current. When the input is zero the output
will be zero. Figures 6 and 7 show graphically how offset is
adjusted.
SPAN ADJUSTMENT
The span is adjusted at the full-scale output current using the
potentiometer, R2, shown in Figure 5. This adjustment is
interactive with the offset adjustment, and a few iterations
may be necessary. For the circuit shown, set the input
voltage to +10V full scale and adjust R2 to give 20mA full-
scale output. Figures 6 and 7 show graphically how span is
adjusted.
The values of R2, R3, and R4 for adjusting the span are
determined as follows: choose R4 in series to slightly de-
crease the span; then choose R2 and R3 to increase the span
to be adjustable about the center value.
LOW TEMPERATURE COEFFICIENT OPERATION
Although the precision resistors in the XTR110 track within
1ppm/
°C, the output current depends upon the absolute
temperature coefficient (TC) of any one of the resistors, R6,
R7, R8, and R9. Since the absolute TC of the output current
can have 20ppm/
°C, maximum, the TC of the output current
can have 20ppm/
°C drift. For low TC operation, zero TC
resistors can be substituted for either the span resistors (R6
or R7) or for the source resistor (R9) but not both.
EXTENDED SPAN
For spans beyond 40mA, the internal 50
Ω resistor (R
9) may
be replaced by an external resistor connected between pins
13 and 16.
Its value can be calculated as follows:
REXT = R9 (SpanOLD/SpanNEW)
Since the internal thin-film resistors have a 20% absolute
value tolerance, measure R9 before determining the final
value of REXT. Self-heating of REXT can cause nonlinearity.
Therefore, choose one with a low TC and adequate power
rating. See Figure 10 for application.
FIGURE 5. Offset and Span Adjustment Circuit for 0V to
+10V Input, 4mA to 20mA Output.
20
15
10
5
02468
10
Input Voltage, V
IN1 (V)
0mA Offset
Zero Adjust
Span Adjust
20mA Span
See values in Figure 6.
In addition, connect
pins 9 and 10 together.
XTR110
15
1V
to
+5V
Out
1
13
16
2
R
4
S
G
D
+
9
8
7
6
R
1
R
2
R
3
Span Adjust
Offset
Adjust
0V
to
+10V
4mA to
20mA Out
R
L
250
24V
1µF Tantalum
Third Wire
14
12
3
4
5
20
15
10
5
02468
10
Input Voltage, V
IN1 (V)
4mA Offset
Zero Adjust
±1.8% of Span
Span Adjust
±0.45%
as shown
16mA Span
R
1 = 100kΩ
R
2 = 100kΩ
R
3 = 49.9kΩ
R
4 = 31.6Ω
−2.5


Similar Part No. - XTR110BG

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR110BG BURR-BROWN-XTR110BG Datasheet
148Kb / 9P
   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
More results

Similar Description - XTR110BG

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111 Datasheet
284Kb / 22P
   Precision Voltage-to-Current Converter/Transmitter
XTR110 BURR-BROWN-XTR110 Datasheet
148Kb / 9P
   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
logo
Texas Instruments
XTR111 TI1-XTR111_16 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111AIDGQR TI-XTR111AIDGQR Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111_14 Datasheet
1Mb / 33P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111_07 Datasheet
562Kb / 27P
   Precision Voltage-to-Current Converter/Transmitter
ALD1000 BURR-BROWN-ALD1000 Datasheet
153Kb / 14P
   Precision Programmable CURRENT/VOLTAGE TRANSMITTER
logo
Microchip Technology
TC1047 MICROCHIP-TC1047_13 Datasheet
168Kb / 12P
   Precision Temperature-to-Voltage Converter
11/29/12
TC962 MICROCHIP-TC962_05 Datasheet
468Kb / 12P
   Precision Temperature-to-Voltage Converter
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com