Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR105UA Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # XTR105UA
Description  4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR105UA Datasheet(HTML) 2 Page - Texas Instruments

  XTR105UA Datasheet HTML 1Page - Texas Instruments XTR105UA Datasheet HTML 2Page - Texas Instruments XTR105UA Datasheet HTML 3Page - Texas Instruments XTR105UA Datasheet HTML 4Page - Texas Instruments XTR105UA Datasheet HTML 5Page - Texas Instruments XTR105UA Datasheet HTML 6Page - Texas Instruments XTR105UA Datasheet HTML 7Page - Texas Instruments XTR105UA Datasheet HTML 8Page - Texas Instruments XTR105UA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
SBOS061B
www.ti.com
XTR105
FUNCTIONAL BLOCK DIAGRAM
975
6
I = 100µA +
100µA
800µA
800µA
25
V+
Q
1
9
B
10
11
4
13
2
3
8
E
V
IN
R
G
I
O = 4mA + VIN
40
R
G
(
)
5.1V
R
G
R
LIN
1k
V
IN
+
V
IN
I
RET
7
V
REG
14
1
12
I
R2
I
R1
V
LIN
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
XTR105
DIP-14
N
–40
°C to +85°C
XTR105PA
XTR105PA
Rails, 25
"
"""
XTR105P
XTR105P
Rails, 25
XTR105
SO-14 Surface-Mount
D
–40
°C to +85°C
XTR105UA
XTR105UA
Rails, 58
"
"""
XTR105UA
XTR105UA/2K5
Tape and Reel, 2500
XTR105
SO-14 Surface-Mount
D
–40
°C to +85°C
XTR105U
XTR105U
Rails, 58
"
"""
XTR105U
XTR105U/2K5
Tape and Reel, 2500
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet.
PACKAGE/ORDERING INFORMATION(1)
ABSOLUTE MAXIMUM RATINGS(1)
Power Supply, V+ (referenced to the IO pin) ...................................... 40V
Input Voltage, VIN+, VIN– (referenced to the IO pin) .................... 0V to V+
Storage Temperature Range ......................................... –55
°C to +125°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
Output Current Limit ................................................................ Continuous
Junction Temperature .................................................................... +165
°C
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
Top View
DIP and SO
PIN CONFIGURATION
I
R1
V
IN
R
G
R
G
NC
I
RET
I
O
I
R2
V
IN
V
LIN
V
REG
V+
B (Base)
E (Emitter)
NC = No Internal Connection
1
2
3
4
5
6
7
14
13
12
11
10
9
8
+


Similar Part No. - XTR105UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR105UA BURR-BROWN-XTR105UA Datasheet
265Kb / 15P
   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Texas Instruments
XTR105UA TI1-XTR105UA Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105UA/2K5 TI1-XTR105UA/2K5 Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105UAG4 TI-XTR105UAG4 Datasheet
722Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105UAG4 TI1-XTR105UAG4 Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
More results

Similar Description - XTR105UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR105 TI1-XTR105_15 Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105UAG4 TI-XTR105UAG4 Datasheet
722Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Burr-Brown (TI)
XTR105 BURR-BROWN-XTR105 Datasheet
265Kb / 15P
   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Texas Instruments
XTR105-DIE TI1-XTR105-DIE Datasheet
110Kb / 5P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER WITH SENSOR EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR103 BURR-BROWN-XTR103 Datasheet
222Kb / 10P
   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
logo
Texas Instruments
XTR103 TI1-XTR103 Datasheet
171Kb / 11P
[Old version datasheet]   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR106 BURR-BROWN-XTR106 Datasheet
272Kb / 15P
   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
logo
Texas Instruments
XTR104 TI1-XTR104 Datasheet
139Kb / 12P
[Old version datasheet]   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR104 BURR-BROWN-XTR104 Datasheet
165Kb / 11P
   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
logo
Texas Instruments
XTR106 TI1-XTR106 Datasheet
587Kb / 22P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com