Part Name
         Description
MMT10V275

 BIDIRECTIONAL THYRISTOR SURGE SUPPRESSORS 25 WATTS STEADY STATE ( 4 Page)


MOTOROLA
100% 
Zoom Out Zoom In
   
 3 page
background image
MMT10V275 MMT10V400
3
Motorola Thyristor Device Data
Figure 2. Typical Holding Current
TJ, JUNCTION TEMPERATURE (°C)
80
70
60
50
40
30
20
10
0
600
550
500
450
400
350
300
250
200
Figure 3. Holding Current Temperature Coefficient
IH, HOLDING CURRENT AT 0°C (mA)
250
200
0
– 1
– 2
– 3
– 4
300
400
350
450
550
500
600
TYPICAL LOW
TYPICAL
Figure 4. Normalized Maximum 60 Hz VBO
versus Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
140
120
100
80
60
40
20
0
– 20
1.2
1.15
0.9
Figure 5. Temperature Dependence of 60 Hz
Breakover Current
TJ, JUNCTION TEMPERATURE PRIOR TO TEST (°C)
10
1
0.1
1.1
1.05
1
0.95
The thermal coefficient of VF(BR) is similar to that of a zener
diode. IBO falls with temperature, reducing the zener
impedance contribution to V BO. This causes the V BO
temperature coefficient perature to be less than or equal to the
VF(BR) coefficient. The graph allows the estimation of the
maximum voltage rise of either parameter.
NORMALIZED
TO 25
°C
140
120
100
80
60
40
20
0
– 40
– 20
160
Note: The behavior of the breakover current during AC operation
is complex, due to junction heating, case heating and thermal
interaction between the device halves. Microplasma conduction
at the beginning of breakdown sometimes results in higher local
current densities and earlier than predicted switching. This
reduces power dissipation and stress on the device.
MAXIMUM IBO = 1.0 A
at 25
°C
MINIMUM IBO UNIT
FIRST HALF–CYCLE
f = 60 Hz
VOC = 1000 V (rms)
IOC = 1.0 A (rms)



Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MMT05A230T3Thyristor Surge Protectors High Voltage Bidirectional TSPD 1 2 3 4 5 MoreON Semiconductor
NTE6415Bidirectional Thyristor Diodes SIDAC 1 2 NTE Electronics
TISP4070H3LMBIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS 1 2 3 4 5 MorePower Innovations Ltd
TISP4XX0T3BJBIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS 1 2 3 4 5 MoreBourns Electronic Solutions
TISP4XXXM3LMBIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS 1 2 3 4 5 MoreBourns Electronic Solutions
SMCGJ60365.5 thru 185 Volts 1500 Watts Transient Voltage Suppressors 1 2 3 4 Microsemi Corporation
TB0640LSURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE 1 2 3 4 Lite-On Technology Corporation
TISP4070L3BJBIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS  1 2 3 4 5 MorePower Innovations Ltd
1N6103BIDIRECTIONAL TRANSIENT SUPPRESSORS 1 2 Microsemi Corporation
TISP4XXXF3LMBIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS 1 2 3 4 5 MoreBourns Electronic Solutions

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl