Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY12N65T Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # HY12N65T
Description  650V/ 12A N-Channel Enhancement Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

HY12N65T Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  HY12N65T Datasheet HTML 1Page - HY ELECTRONIC CORP. HY12N65T Datasheet HTML 2Page - HY ELECTRONIC CORP. HY12N65T Datasheet HTML 3Page - HY ELECTRONIC CORP. HY12N65T Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
REV1.0 : AUG. 2011
HY12N65T / HY12N65FT
Features
• Low ON Resistance
• Fast Switching
• Low Gate Charge & Low C
RSS
• Fully Characterized Avalanche Voltage and Current
• Specially Desigened for AC Adapter, Battery Charger and SMPS
• In compliance with EU RoHs 2002/95/EC Directives
Mechanical Information
• Case: TO-220AB / ITO-220AB Molded Plastic
• Terminals : Solderable per MIL-STD-750,Method 2026
Marking & Ordering Information
N-Channel Enhancement Mode MOSFET
Absolute Maximum Ratings (T
C=25
OC unless otherwise noted )
650V / 12A
650V, R
DS(ON)=0.8
@V
GS=10V, ID=6.0A
Thermal Characteristics
COMPANY RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,FUNCTIONS AND RELIABILITY WITHOUT NOTICE
Note : 1. Maximum DC current limited by the package
Drain
Gate
Source
1
2
3
1
G
2
D
3
S
1
G
2
D
3
S
TO-220AB
ITO-220AB
TYPE
MARKING
PACKAGE
PACKING
HY12N65T
12N65T
TO-220AB
50PCS/TUBE
HY12N65FT
12N65FT
ITO-220AB
50PCS/TUBE
P a ra me te r
S ymb o l
HY1 2 N6 5 T
HY1 2 N6 5 F T
Uni ts
D r a i n-S o ur c e Vo lta g e
V
D S
6 5 0
V
Ga te - S o urc e Vo lta g e
V
GS
+3 0
V
C o nti nuo us D ra i n C urr e nt
T
C = 2 5
O C
I
D
1 2
1 2
A
P uls e d D r a i n C ur re nt 1)
I
D M
4 8
4 8
A
Ma xi mum P o we r D i s s i p a ti o n
D e r a ti ng F a c to r
T
C = 2 5
O C
P
D
1 7 5
1 .4
5 2
0 .4 2
W
Avalanche Energy with Single Pulse
I
AS=12A, VDD=90V, L=10.5m
Η
E
A S
7 6 0
mJ
Op e r a ti ng J unc ti o n a nd S to ra g e Te mp e r a ture Ra ng e
T
J , T S TG
-5 5 to +1 5 0
OC
PA R A M E TE R
S ym b o l
H Y1 2 N6 5 T
HY1 2 N 6 5 F T
U ni ts
Junction-to-Case Thermal Resistance
R
θ
J C
0 .7
2 .4
O C / W
Junction-to Ambient Thermal Resistance
R
θ
J A
6 2 .5
1 0 0
O C / W
Gate


Similar Part No. - HY12N65T

ManufacturerPart #DatasheetDescription
logo
LEM
HY12-P LEM-HY12-P Datasheet
109Kb / 2P
   Current Transducers HY 5 to 25-P
HY12-P LEM-HY12-P Datasheet
685Kb / 2P
   Current Transducers
HY12-P/SP1 LEM-HY12-P/SP1 Datasheet
141Kb / 2P
   Current Transducers HY 5 to 25-P/SP1
logo
HUAYI MICROELECTRONICS ...
HY1203S HUAYI-HY1203S Datasheet
918Kb / 10P
   N-Channel Enhancement Mode MOSFET
HY1206D HUAYI-HY1206D Datasheet
1Mb / 11P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - HY12N65T

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
E12N65 WXDH-E12N65 Datasheet
891Kb / 11P
   12A 650V N-channel Enhancement Mode Power MOSFET
12N65 WXDH-12N65 Datasheet
891Kb / 11P
   12A 650V N-channel Enhancement Mode Power MOSFET
F12N65 WXDH-F12N65 Datasheet
892Kb / 11P
   12A 650V N-channel Enhancement Mode Power MOSFET
I12N65 WXDH-I12N65 Datasheet
891Kb / 11P
   12A 650V N-channel Enhancement Mode Power MOSFET
logo
Alpha & Omega Semicondu...
AOT12N65 AOSMD-AOT12N65 Datasheet
160Kb / 6P
   650V, 12A N-Channel MOSFET
AOW12N65 AOSMD-AOW12N65 Datasheet
246Kb / 6P
   650V, 12A N-Channel MOSFET
logo
Silan Microelectronics ...
SVF12N65F SILAN-SVF12N65F Datasheet
403Kb / 10P
   12A, 650V N-CHANNEL MOSFET
logo
Alpha & Omega Semicondu...
AOB12N65L AOSMD-AOB12N65L Datasheet
385Kb / 6P
   650V, 12A N-Channel MOSFET
logo
AiT Semiconductor Inc.
AM12N65 AITSEMI-AM12N65 Datasheet
940Kb / 10P
   MOSFET 650V, 12A N-CHANNEL
REV1.0 - JUN 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com