Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY2N65D Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # HY2N65D
Description  650V / 2A N-Channel Enhancement Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

HY2N65D Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  HY2N65D Datasheet HTML 1Page - HY ELECTRONIC CORP. HY2N65D Datasheet HTML 2Page - HY ELECTRONIC CORP. HY2N65D Datasheet HTML 3Page - HY ELECTRONIC CORP. HY2N65D Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Symbol
Min.
Typ.
Max.
Units
BVDSS
650
-
-
V
VGS(th)
2.0
-
4.0
V
RDS(ON)
-
4.1
4.6
W
IDSS
-
-
10
uA
IGSS
-
-
+100
nA
Qg
-
6.4
8.6
Qgs
-
1.8
-
Qgd
-
2.1
-
td(on)
-
13.2
16
tr
-
18.6
28
td(off)
-
22
38
tf
-
16.8
32
Ciss
-
265
-
Coss
-
36
-
Crss
-
1.5
-
IS
-
-
2.0
A
ISM
-
-
8.0
A
VSD
-
-
1.4
V
trr
-
190
-
ns
Qrr
-
1.0
-
uC
NOTE : Pulse Test : Pulse Width ≦ 300us, duty cycle ≦ 2%
Source-Drain Diode
VGS=0V、IS=2A
di/dt=100A/us
-
-
IS=2A、VGS=0V
Max. Pulsed Source Current
Diode Forward Voltage
Reverse Recovery Time
Turn-Off Delay Time
Turn-Off Fall Time
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Reverse Recovery Charge
Max. Diode Forwad Voltage
pF
VDS=25V,VGS=0V
f=1.0MHZ
Static
VGS=0V、ID=250uA
VDS=VGS、ID=250uA
VGS=10V、ID=1A
VDS=650V、VGS=0V
VGS=+30V、VDS=0V
Zero Gate Voltage Drain Current
Gate Body Leakage Current
Gate-Drain Charge
Dynamic
VDS=520V,ID=2A
VGS=10V
nC
Turn-On Delay Time
Turn-On Rise Time
ns
VDD=325V,ID=2A
VGS=10V,RG=25W
HY2N65D / HY2N65M
Electrical Characteristics ( TC=25℃, Unless otherwise noted )
Test Condition
Paramter
Drain-Source Breakdown Voltage
Gate Threshold Voltage
Drain-Source On-State Resistance
Total Gate Charge
Gate-Source Charge
PAGE.2
REV 1.0, 20-Sept-2012


Similar Part No. - HY2N65D

ManufacturerPart #DatasheetDescription
logo
HUAYI MICROELECTRONICS ...
HY2N7002E HUAYI-HY2N7002E Datasheet
1Mb / 9P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - HY2N65D

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HY2N65T HY-HY2N65T Datasheet
152Kb / 4P
   650V / 2A N-Channel Enhancement Mode MOSFET
logo
Jiangsu Donghai Semicon...
I2N65 WXDH-I2N65 Datasheet
1Mb / 12P
   2A 650V N-channel Enhancement Mode Power MOSFET
2N65 WXDH-2N65 Datasheet
1Mb / 12P
   2A 650V N-channel Enhancement Mode Power MOSFET
E2N65 WXDH-E2N65 Datasheet
1Mb / 12P
   2A 650V N-channel Enhancement Mode Power MOSFET
F2N65 WXDH-F2N65 Datasheet
1Mb / 12P
   2A 650V N-channel Enhancement Mode Power MOSFET
B2N65 WXDH-B2N65 Datasheet
1Mb / 12P
   2A 650V N-channel Enhancement Mode Power MOSFET
logo
Pan Jit International I...
PJP12N65 PANJIT-PJP12N65 Datasheet
232Kb / 6P
   650V N-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMFB10N65 LEIDITECH-LMFB10N65 Datasheet
5Mb / 5P
   650V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP7N65 PANJIT-PJP7N65 Datasheet
204Kb / 5P
   650V N-Channel Enhancement Mode MOSFET
PJP10N65 PANJIT-PJP10N65 Datasheet
244Kb / 6P
   650V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com