Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


74ALVC32 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. 74ALVC32
Description  Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 1 page
background image
© 2002 Fairchild Semiconductor Corporation
DS500643
www.fairchildsemi.com
September 2001
Revised February 2002
74ALVC32
Low Voltage Quad 2-Input OR Gate
with 3.6V Tolerant Inputs and Outputs
General Description
The ALVC32 contains four 2-input OR gates. This product
is designed for low voltage (1.65V to 3.6V) VCC applica-
tions with I/O compatibility up to 3.6V.
The ALVC32 is fabricated with an advanced CMOS tech-
nology to achieve high-speed operation while maintaining
low CMOS power dissipation.
Features
s 1.65V to 3.6V VCC supply operation
s 3.6V tolerant inputs and outputs
s tPD
2.8 ns max for 3.0V to 3.6V VCC
3.1 ns max for 2.3V to 2.7V VCC
4.7 ns max for 1.65V to 1.95V VCC
s Power-off high impedance inputs and outputs
s Uses patented Quiet Series
 noise/EMI reduction
circuitry
s Latchup conforms to JEDEC JED78
s ESD performance:
Human body model
> 2000V
Machine model
> 250V
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
IEEC/IEC
Connection Diagram
Pin Descriptions
Quiet Series
 is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74ALVC32M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74ALVC32MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Names
Description
An, Bn
Inputs
On
Outputs




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74ALVC86Low Voltage Quad 2-Input Exclusive-OR Gate with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 Fairchild Semiconductor
74VCX08Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX32Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX86Low Voltage Quad 2-Input Exclusive-OR Gate with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
TC74VCX32FTLOW VOLTAGE QUAD 2-INPUT OR GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor
74VCX32MLow Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC08Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 Fairchild Semiconductor
TC74LCX32FLOW VOLTAGE QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor
74ALVC132Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 Fairchild Semiconductor
74ALVC38Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl