Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM2835 Datasheet(PDF) 54 Page - Broadcom Corporation.

Part # BCM2835
Description  Timers, Interrupt controller, GPIO, USB, PCM/12S
Download  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM2835 Datasheet(HTML) 54 Page - Broadcom Corporation.

Back Button BCM2835 Datasheet HTML 50Page - Broadcom Corporation. BCM2835 Datasheet HTML 51Page - Broadcom Corporation. BCM2835 Datasheet HTML 52Page - Broadcom Corporation. BCM2835 Datasheet HTML 53Page - Broadcom Corporation. BCM2835 Datasheet HTML 54Page - Broadcom Corporation. BCM2835 Datasheet HTML 55Page - Broadcom Corporation. BCM2835 Datasheet HTML 56Page - Broadcom Corporation. BCM2835 Datasheet HTML 57Page - Broadcom Corporation. BCM2835 Datasheet HTML 58Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 205 page
background image
06 February 2012 Broadcom Europe Ltd. 406 Science Park Milton Road Cambridge CB4 0WW
Page 54
© 2012 Broadcom Corporation. All rights reserved
0_STRIDE 1_STRIDE 2_STRIDE 3_STRIDE 4_STRIDE 5_STRIDE 6_STRIDE Register
Synopsis
DMA 2D Stride
Bit(s)
Field Name
Description
Type
Reset
31:16
D_STRIDE
Destination Stride (2D Mode)
Signed (2 s complement) byte increment to apply to
the destination address at the end of each row in 2D
mode.
RW
0x0
15:0
S_STRIDE
Source Stride (2D Mode)
Signed (2 s complement) byte increment to apply to
the source address at the end of each row in 2D
mode.
RW
0x0
0_NEXTCONBK 1_NEXTCONBK 2_NEXTCONBK 3_NEXTCONBK 4_NEXTCONBK 5_NEXTCONBK
6_NEXTCONBK 7_NEXTCONBK 8_NEXTCONBK 9_NEXTCONBK 10_NEXTCONBK 11_NEXTCONBK
12_NEXTCONBK 13_NEXTCONBK 14_NEXTCONBK Register
Synopsis
DMA Next Control Block Address
The value loaded into this register can be overwritten so that the linked list of Control Block data
structures can be altered. However it is only safe to do this when the DMA is paused. The
address must be 256 bit aligned and so the bottom 5 bits cannot be set and will read back as
zero.
Bit(s)
Field Name
Description
Type
Reset
31:0
ADDR
Address of next CB for chained DMA operations.
RW
0x0
0_DEBUG 1_DEBUG 2_DEBUG 3_DEBUG 4_DEBUG 5_DEBUG 6_DEBUG Register
Synopsis
DMA Debug register.
Bit(s)
Field Name
Description
Type
Reset
31:29
Reserved - Write as 0, read as don't care


Similar Part No. - BCM2835

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM2837 BOARDCOM-BCM2837 Datasheet
3Mb / 205P
   BCM2835 ARM Peripherals
BCM2837B0 BOARDCOM-BCM2837B0 Datasheet
3Mb / 205P
   BCM2835 ARM Peripherals
More results

Similar Description - BCM2835

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NCT5655Y NUVOTON-NCT5655Y Datasheet
836Kb / 26P
   16-bit I2C-bus and SMBus GPIO controller with interrupt
logo
Prolific Technology Inc...
PL2303TB PROLIFIC-PL2303TB Datasheet
107Kb / 1P
   USB to Serial and GPIO Bridge Controller
logo
Megawin Technology Co.,...
MG74PG1B08 MEGAWIN-MG74PG1B08 Datasheet
1Mb / 128P
   Keypad Interrupt function on all GPIO
logo
ON Semiconductor
FUSB303 ONSEMI-FUSB303 Datasheet
213Kb / 19P
   Autonomous USB Port Controller with I2C and GPIO Control
January, 2018 ??Rev.1
logo
Megawin Technology Co.,...
MPC82E52 MEGAWIN-MPC82E52 Datasheet
2Mb / 144P
   Interrupt controller
logo
Nuvoton Technology Corp...
NCT5605Y NUVOTON-NCT5605Y Datasheet
747Kb / 20P
   SMBus GPIO Controller
W83L603G NUVOTON-W83L603G Datasheet
653Kb / 23P
   SMBus GPIO Controller
logo
Winbond
W83L603G WINBOND-W83L603G Datasheet
428Kb / 22P
   SMBus GPIO Controller
logo
Megawin Technology Co.,...
MG86FE104 MEGAWIN-MG86FE104 Datasheet
3Mb / 134P
   Interrupt controller
MG74PG1A08 MEGAWIN-MG74PG1A08 Datasheet
1Mb / 127P
   Interrupt controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com