Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVC162835T Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ALVC162835T
Description  Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVC162835T Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ALVC162835T Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC162835T Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC162835T Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC162835T Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC162835T Datasheet HTML 5Page - Fairchild Semiconductor 74ALVC162835T Datasheet HTML 6Page - Fairchild Semiconductor 74ALVC162835T Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2002 Fairchild Semiconductor Corporation
DS500646
www.fairchildsemi.com
September 2001
Revised February 2002
74ALVC162835
Low Voltage 18-Bit Universal Bus Driver
with 3.6V Tolerant Inputs/Outputs
and 26
Ω Series Resistors in Outputs
General Description
The ALVC162835 low voltage 18-bit universal bus driver
combines D-type latches and D-type flip-flops to allow data
flow in transparent, latched and clocked modes.
Data flow is controlled by output-enable (OE), latch-enable
(LE), and clock (CLK) inputs. The device operates in
Transparent Mode when LE is held HIGH. The device
operates in clocked mode when LE is LOW and CLK is tog-
gled. Data transfers from the Inputs (In) to Outputs (On) on
a Positive Edge Transition of the Clock. When OE is LOW,
the output data is enabled. When OE is HIGH the output
port is in a high impedance state.
The ALVC162835 is designed with 26
Ω series resistors in
the outputs. This design reduces noise in applications such
as memory address drivers, clock drivers, and bus trans-
ceivers/transmitters.
The 74ALVC162835 is designed for low voltage (1.65V to
3.6V) VCC applications with I/O capability up to 3.6V.
The 74ALVC162835 is fabricated with an advanced CMOS
technology to achieve high speed operation while maintain-
ing low CMOS power dissipation.
Features
s Compatible with PC100 DIMM module specifications
s 1.65V to 3.6V VCC specifications provided
s 3.6V tolerant inputs and outputs
s 26
Ω series resistors in outputs
s tPD (CLK to On)
5.4 ns max for 3.0V to 3.6V VCC
6.3 ns max for 2.3V to 2.7V VCC
9.2 ns max for 1.65V to 1.95V VCC
s Power-off high impedance inputs and outputs
s Supports live insertion/withdrawal (Note 1)
s Latchup conforms to JEDEC JED78
s ESD performance:
Human body model
> 2000V
Machine model
>200V
Note 1: To ensure the high impedance state during power up or power
down, OE should be tied to VCC through a pulldown resistor; the minimum
value of the resistor is determined by the current sourcing capability of the
driver.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Order Number
Package
Number
Package Description
74ALVC162835T
MTD56
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide


Similar Part No. - 74ALVC162835T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC162835A PHILIPS-74ALVC162835A Datasheet
94Kb / 12P
   18-bit registered driver with 30ohm termination resistors (3-State)
2000 Jun 20
logo
Nexperia B.V. All right...
74ALVC162835A NEXPERIA-74ALVC162835A Datasheet
201Kb / 15P
   18-bit registered driver with 30 Ω termination resistors; 3-state
Rev. 7 - 12 October 2017
logo
NXP Semiconductors
74ALVC162835ADGG PHILIPS-74ALVC162835ADGG Datasheet
94Kb / 12P
   18-bit registered driver with 30ohm termination resistors (3-State)
2000 Jun 20
logo
Nexperia B.V. All right...
74ALVC162835ADGG NEXPERIA-74ALVC162835ADGG Datasheet
201Kb / 15P
   18-bit registered driver with 30 Ω termination resistors; 3-state
Rev. 7 - 12 October 2017
logo
Texas Instruments
74ALVC162835DGGRE4 TI-74ALVC162835DGGRE4 Datasheet
212Kb / 12P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74ALVC162835T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX162835 FAIRCHILD-74VCX162835 Datasheet
77Kb / 8P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in Outputs
74ALVCF162835 FAIRCHILD-74ALVCF162835 Datasheet
106Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
74VCXF162835 FAIRCHILD-74VCXF162835 Datasheet
74Kb / 8P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
74VCXF16283_0011 FAIRCHILD-74VCXF16283_0011 Datasheet
77Kb / 8P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
74ALVCR162601 FAIRCHILD-74ALVCR162601 Datasheet
92Kb / 6P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74VCXR162601 FAIRCHILD-74VCXR162601_04 Datasheet
140Kb / 9P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74ALVCF322835 FAIRCHILD-74ALVCF322835 Datasheet
161Kb / 8P
   Low Voltage 36-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
74ALVC16835 FAIRCHILD-74ALVC16835 Datasheet
88Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX162835FT TOSHIBA-TC74VCX162835FT Datasheet
450Kb / 13P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS DRIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX16835 FAIRCHILD-74VCX16835 Datasheet
98Kb / 10P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com