Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSF7N03HD Datasheet(PDF) 3 Page - Motorola, Inc

Part # MMSF7N03HD
Description  SINGLE TMOS POWER MOSFET 8.0 AMPERES 30 VOLTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF7N03HD Datasheet(HTML) 3 Page - Motorola, Inc

  MMSF7N03HD Datasheet HTML 1Page - Motorola, Inc MMSF7N03HD Datasheet HTML 2Page - Motorola, Inc MMSF7N03HD Datasheet HTML 3Page - Motorola, Inc MMSF7N03HD Datasheet HTML 4Page - Motorola, Inc MMSF7N03HD Datasheet HTML 5Page - Motorola, Inc MMSF7N03HD Datasheet HTML 6Page - Motorola, Inc MMSF7N03HD Datasheet HTML 7Page - Motorola, Inc MMSF7N03HD Datasheet HTML 8Page - Motorola, Inc MMSF7N03HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MMSF7N03HD
3
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
0
0
0.25
0.5
0.75
2
0
4
5
7
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 1. On–Region Characteristics
1.5
2
2.5
4
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
2
4
10
0.4
0.5
0.6
0
5
10
15
0.01
0.04
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 3. On–Resistance versus
Gate–To–Source Voltage
ID, DRAIN CURRENT (AMPS)
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
0
1
1.5
2
1
100
1000
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On–Resistance Variation with
Temperature
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 6. Drain–To–Source Leakage
Current versus Voltage
TJ = 25°C
VDS ≥ 10 V
TJ = 100°C
25
°C
– 55
°C
TJ = 25°C
VGS = 0 V
VGS = 10 V
VGS = 4.5 V
VGS = 10 V
ID = 3.5 A
1
1.25
4.5 V
3.9 V
3.1 V
2.9 V
3
1.5
1.75
3.5
0.3
6
8
10 V
– 50
– 25
0
25
50
75
100
125
150
TJ = 125°C
6
0.05
0.03
3
0
0.5
5
10
20
30
4
5
7
6
3
0.2
0.02
10
100
°C
25
°C
ID = 3.5 A
3.7 V
3.5 V
3.3 V
2.7 V
2.5 V
2
1
TJ = 25°C
2
1
0.1
TJ = 25°C
0.1
10000
15
25


Similar Part No. - MMSF7N03HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSF7N03HD ONSEMI-MMSF7N03HD Datasheet
259Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MMSF7N03HDR2 ONSEMI-MMSF7N03HDR2 Datasheet
259Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
More results

Similar Description - MMSF7N03HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMSF10N03Z MOTOROLA-MMSF10N03Z Datasheet
196Kb / 10P
   SINGLE TMOS POWER MOSFET 10 AMPERES 30 VOLTS
MMSF3305 MOTOROLA-MMSF3305 Datasheet
80Kb / 4P
   SINGLE TMOS POWER MOSFET 9.1 AMPERES 30 VOLTS
MMSF5N03HD MOTOROLA-MMSF5N03HD Datasheet
294Kb / 10P
   SINGLE TMOS POWER MOSFET 5.0 AMPERES 30 VOLTS
MMSF7N03Z MOTOROLA-MMSF7N03Z Datasheet
193Kb / 10P
   SINGLE TMOS POWER MOSFET 7.5 AMPERES 30 VOLTS
logo
New Jersey Semi-Conduct...
MTP8N50E NJSEMI-MTP8N50E Datasheet
122Kb / 2P
   TMOS POWER FET 8.0 AMPERES 500 VOLTS
logo
Motorola, Inc
MTB8N50E MOTOROLA-MTB8N50E Datasheet
162Kb / 6P
   TMOS POWER FET 8.0 AMPERES 500 VOLTS
MMSF3P03HD MOTOROLA-MMSF3P03HD Datasheet
316Kb / 10P
   SINGLE TMOS POWER FET 3.0 AMPERES 30 VOLTS
MMFT6N03HD MOTOROLA-MMFT6N03HD Datasheet
74Kb / 4P
   TMOS POWER 6.0 AMPERES 30 VOLTS
MMDF3N03HD MOTOROLA-MMDF3N03HD Datasheet
281Kb / 10P
   DUAL TMOS POWER MOSFET 4.1 AMPERES 30 VOLTS
MMSF7P03HD MOTOROLA-MMSF7P03HD Datasheet
214Kb / 10P
   SINGLE TMOS POWER MOSFET 30 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com