Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR3171EID Datasheet(PDF) 1 Page - Exar Corporation

Part # XR3171EID
Description  3.3V High Speed RS-485/RS-422 TRANSCEIVERS WITH 1/8 UNIT LOAD
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR3171EID Datasheet(HTML) 1 Page - Exar Corporation

  XR3171EID Datasheet HTML 1Page - Exar Corporation XR3171EID Datasheet HTML 2Page - Exar Corporation XR3171EID Datasheet HTML 3Page - Exar Corporation XR3171EID Datasheet HTML 4Page - Exar Corporation XR3171EID Datasheet HTML 5Page - Exar Corporation XR3171EID Datasheet HTML 6Page - Exar Corporation XR3171EID Datasheet HTML 7Page - Exar Corporation XR3171EID Datasheet HTML 8Page - Exar Corporation XR3171EID Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
XR3170E-3178E
3.3V HIGH SPEED RS-485/RS-422 TRANSCEIVERS WITH 1/8th UNIT LOAD
DECEMBER 2009
REV. 1.0.0
GENERAL DESCRIPTION
The XR3170E - XR3178E family of RS-485 devices
are designed for reliable, bidirectional communication
on multipoint bus transmission lines. Each device
contains one differential driver and one differential
receiver. XR3172E, XR3175E and XR3178E are half-
duplex devices; other part numbers are full-duplex.
All devices comply with TIA/EIA-485 and TIA/EIA-422
standards. Lead free and RoHS compliant packages
are available for all models.
These devices are ruggedized for use in harsh
operating conditions over the entire common-mode
voltage range from -7V to +12V. Receivers are
specially designed to fail-safe to a logic high output
state if the inputs are left un-driven or shorted. All RS-
485 bus pins are protected against severe ESD
events up to +/-15kV (Air-Gap and Human Body
Model) and up to +/-8kV Contact Discharge (IEC
61000-4-2). Drivers are protected from excess
current flow caused by bus contention or output
short-circuits by both an internal current limit and a
thermal-overload shutdown. Devices are rated for
Industrial (-40 to +85°C) operating temperatures.
Receivers have exceptionally high input impedance,
which places only 1/8th the standard load on a shared
bus. Up to 256 transceivers may coexist while
preserving full signal margin.
All devices operate from a single 3.3V power supply
and draw negligible quiescent power. All versions
except the XR3171E, XR3174E and XR3177E may
independently enable and disable their driver and
receiver and enter a low power shutdown mode if
both driver and receiver are disabled. All outputs
maintain high impedance in shutdown or when
powered off.
FEATURES
3.3V Single Supply Operation
High Speed 20Mbps Data Rate
Slew Rate Limited - 250kbps And 500kbps Data
Rate
1/8th Unit Load, 256 Transceivers On Bus
Enhanced Failsafe For Receiver - Open, Short Or
Terminated Lines
Robust ESD Protection For RS-485 Pins
+/-15kV Air-Gap Discharge
+/-15kV Human Body Model
+/-8kV Contact Discharge
Hot Swap Glitch Protection
Driver Short Circuit Current Limit And Thermal
Shutdown For Overload Protection
Ultra-Low 650uA Quiescent Current
1µA Shutdown Mode
Industry Standard Package Footprints
TYPICAL APPLICATIONS
Motor Control
Building Automation
Security Systems
Remote Utility Meter Reading
Long Or Un-Terminated Transmission Lines
FIGURE 1. TYPICAL APPLICATION CIRCUIT
RT
RT
STUB
XR3178E
XR3178E
A
AA
A
B
BB
B
DI
RO
RE
DE
DE
DE
DE
RE
RE
DI
DI
DI
RO
RO
RO
RE


Similar Part No. - XR3171EID

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR3171E EXAR-XR3171E Datasheet
177Kb / 6P
   ADVANTAGES OF ENHANCED RECEIVER FAILSAFE FEATURES
More results

Similar Description - XR3171EID

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR3172EID-F EXAR-XR3172EID-F Datasheet
640Kb / 24P
   3.3V HIGH SPEED RS-485/RS-422 TRANSCEIVERS WITH 1/8th UNIT LOAD
logo
Intersil Corporation
ISL8487 INTERSIL-ISL8487 Datasheet
430Kb / 13P
   1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8487 INTERSIL-ISL8487_06 Datasheet
453Kb / 13P
   1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8487 RENESAS-ISL8487 Datasheet
749Kb / 14P
   1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
FN6085 INTERSIL-FN6085 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL83080E_0804 INTERSIL-ISL83080E_0804 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83080E RENESAS-ISL83080E Datasheet
1Mb / 21P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com