Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XFL2006-823ME Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # XFL2006-823ME
Description  Shielded Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

XFL2006-823ME Datasheet(HTML) 1 Page - Coilcraft lnc.

  XFL2006-823ME Datasheet HTML 1Page - Coilcraft lnc. XFL2006-823ME Datasheet HTML 2Page - Coilcraft lnc. XFL2006-823ME Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
Shielded Power Inductors – XFL2006
Document 763-1
Document 763-1 Revised 12/27/11
Inductance2
DCR (Ohms)3
SRF typ4
Isat (A)5
Irms (A)6
Part number1
±20% (µH)
nom
max
(MHz)
10% drop 20% drop 30% drop
20°C rise 40°C rise
XFL2006-102ME_
1.0
0.153
0.169
170
0.71
1.0
1.2
0.910
1.22
XFL2006-222ME_
2.2
0.278
0.306
110
0.49
0.69
0.78
0.710
0.950
XFL2006-332ME_
3.3
0.460
0.506
88
0.42
0.56
0.66
0.550
0.720
XFL2006-472ME_
4.7
0.665
0.732
68
0.31
0.44
0.52
0.500
0.660
XFL2006-562ME_
5.6
0.75
0.825
61
0.30
0.43
0.50
0.460
0.600
XFL2006-682ME_
6.8
0.92
1.02
57
0.26
0.35
0.41
0.400
0.520
XFL2006-822ME_
8.2
1.08
1.19
51
0.24
0.33
0.39
0.370
0.490
XFL2006-103ME_
10.0
1.27
1.40
45
0.24
0.31
0.37
0.345
0.440
XFL2006-153ME_
15.0
2.02
2.22
37
0.19
0.25
0.29
0.265
0.350
XFL2006-223ME_
22.0
2.78
3.06
30.5
0.150
0.205
0.240
0.235
0.305
XFL2006-333ME_
33.0
4.45
4.90
24.0
0.110
0.150
0.180
0.160
0.205
XFL2006-473ME_
47.0
5.60
6.16
19.5
0.090
0.130
0.155
0.155
0.205
XFL2006-563ME_
56.0
6.65
7.32
16.5
0.085
0.120
0.145
0.145
0.195
XFL2006-683ME_
68.0
8.50
9.35
16.0
0.080
0.115
0.135
0.115
0.155
XFL2006-823ME_
82.0
9.25
10.18
13.5
0.065
0.090
0.115
0.125
0.165
XFL2006-104ME_
100.0
11.10
12.25
13.0
0.065
0.090
0.115
0.100
0.135
Designer’s Kit C434 contains 5 of each value and 5 of each XFL2005
Core material Composite
Core and winding loss See www.coilcraft.com/coreloss
Environmental RoHS compliant, halogen free
Terminations RoHS compliant tin-silver-copper (96.5/3/0.5) over tin
over nickel over silver-platinum.
Weight 12 – 13 mg
Ambient temperature –40°C to +85°C with Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 2000/7
″reel; 7500/13″ reel Plastic tape: 8 mm wide,
0.28 mm thick, 4 mm pocket spacing, 0.76 mm pocket depth
PCB washing Only pure water or alcohol recommended
• Lowestprofile,ultra-miniature,shieldedpowerinductor
• SoftsaturationmakesthemidealforVRM/VRDapplications.
1. When ordering, please specify
packaging code:
XFL2006-823MEC
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic tape (2000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic tape. Factory order only, not stocked (7500 parts per full reel).
2.Inductancetestedat100kHz,0.1Vrms,0Adc.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 4395A or equivalent.
5. DCcurrentatwhichtheinductancedropsthespecifiedamountfromitsvaluewithoutcurrent.
6. Currentthatcausesthespecifiedtemperaturerisefrom25°Cambient.
7. Electricalspecificationsat25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.


Similar Part No. - XFL2006-823ME

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XFL2006-823ME COILCRAFT-XFL2006-823ME Datasheet
177Kb / 3P
   Shielded Power Inductors
XFL2006-823MEB COILCRAFT-XFL2006-823MEB Datasheet
204Kb / 1P
   Designers kit
More results

Similar Description - XFL2006-823ME

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com