Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


74ACTQ843SC Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. 74ACTQ843SC
Description  Quiet Seriesa™ 9-Bit Transparent Latch with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 5 page
background image
5
www.fairchildsemi.com
AC Operating Requirements
Note 9: Voltage Range 5.0 is 5.0V
±0.5V.
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 9)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
5.0
3.0
3.0
ns
Dn to LE
tH
Hold Time, HIGH or LOW
5.0
1.5
1.5
ns
Dn to LE
tW
LE Pulse Width, HIGH
5.0
4.0
4.0
ns
tW
PRE Pulse Width, LOW
5.0
4.0
4.0
ns
tW
CLR Pulse Width, LOW
5.0
4.0
4.0
ns
trec
PRE Recovery Time
5.0
2.0
2.0
ns
trec
CLR Recovery Time
5.0
2.0
2.0
ns
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
52
pF
VCC = 5.0V




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74ACTQ841Quiet Seriesa™ 10-Bit Transparent Latch with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ACQ373Quiet Series™ Octal Transparent Latch with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ACTQ533Quiet Series Octal Transparent Latch with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ACTQ823Quiet Seriesa™ 9-Bit D-Type Flip-Flop with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
SN74ALS9929-BIT D-TYPE TRANSPARENT READ-BACK LATCH WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
74LVC16373A16-bit D-type transparent latch with 5 Volt tolerant inputs/outputs 3-State 1 2 3 4 5 MoreNXP Semiconductors
SN74F237325-ohm OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74LVCH32373A32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
DM74LS533Octal Transparent Latch with 3-STATE Outputs 1 2 3 4 Fairchild Semiconductor
54ACTQ533Quiet Series Octal Transparent Latch with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl