Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


74ACTQ841SPC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. 74ACTQ841SPC
Description  Quiet Seriesa™ 10-Bit Transparent Latch with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 2 page
background image
www.fairchildsemi.com
2
Functional Description
The ACTQ841 consists of ten D-type latches with 3-STATE
outputs. The flip-flops appear transparent to the data when
Latch Enable (LE) is HIGH. This allows asynchronous
operation, as the output transition follows the data in transi-
tion.
On the LE HIGH-to-LOW transition, the data that meets the
setup and hold time is latched. Data appears on the bus
when the Output Enable (OE) is LOW. When OE is HIGH
the bus output is in the high impedance state.
Function Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Z
= High Impedance
NC
= No Change
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Inputs
Internal
Output
Function
OE
LE
D
Q
O
X
X
X
X
Z
High Z
H
H
L
L
Z
High Z
H
H
H
H
Z
High Z
H
L
X
NC
Z
Latched
L
H
L
L
L
Transparent
L
H
H
H
H
Transparent
L
L
X
NC
NC
Latched




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74ACTQ843Quiet Seriesa™ 9-Bit Transparent Latch with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVC841A10-bit transparent latch with 5-volt tolerant inputs/outputs 3-State 1 2 3 4 5 MoreNXP Semiconductors
74ACT84110-Bit Transparent Latch with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ACTQ821Quiet Seriesa™ 10-Bit D-Type Flip-Flop with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ACTQ827Quiet Seriesa™ 10-Bit Buffer/Line Driver with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ACQ373Quiet Series™ Octal Transparent Latch with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ACTQ533Quiet Series Octal Transparent Latch with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
54ACTQ841Quiet Series 10-Bit Transparent Latch with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
SN74LVC1637316-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
74LVT32373Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs Preliminary 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl