Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


74ACTQ841SPC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. 74ACTQ841SPC
Description  Quiet Seriesa™ 10-Bit Transparent Latch with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 1 page
background image
March 1990
Revised November 1998
© 1999 Fairchild Semiconductor Corporation
DS010688.prf
www.fairchildsemi.com
74ACTQ841
Quiet Series
™ 10-Bit Transparent Latch
with 3-STATE Outputs
General Description
The ACTQ841 bus interface latch is designed to eliminate
the extra packages required to buffer existing latches and
provide extra data width for wider address/data paths or
buses carrying parity. The 841 is a 10-bit transparent latch,
a 10-bit version of the 373. The ACTQ841 utilizes Fairchild
Quiet Series
™ technology to guarantee quiet output switch-
ing and improved dynamic threshold performance. FACT
Quiet Series features GTO
™ output control and undershoot
corrector in addition to a split ground bus for superior per-
formance.
Features
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
s Guaranteed pin-to-pin skew AC performance
s Inputs and outputs on opposite sides of package allow
easy interface with microprocessors
s Improved latch-up immunity
s Outputs source/sink 24 mA
s Has TTL-compatible inputs
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbols
Connection Diagram
Pin Assignment
for DIP and SOIC
Pin Descriptions
FACT
™, Quiet Series™, FACT Quiet Series™ and GTO™ are trademarks of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74ACTQ841SC
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide Body
74ACTQ841SPC
N24C
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC, MS-100, 0.300” Wide
Pin Names
Description
D0–D9
Data Inputs
O0–O9
3-STATE Outputs
OE
Output Enable
LE
Latch Enable




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74ACTQ843Quiet Seriesa™ 9-Bit Transparent Latch with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVC841A10-bit transparent latch with 5-volt tolerant inputs/outputs 3-State 1 2 3 4 5 MoreNXP Semiconductors
74ACT84110-Bit Transparent Latch with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ACTQ821Quiet Seriesa™ 10-Bit D-Type Flip-Flop with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ACTQ827Quiet Seriesa™ 10-Bit Buffer/Line Driver with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ACQ373Quiet Series™ Octal Transparent Latch with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ACTQ533Quiet Series Octal Transparent Latch with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
54ACTQ841Quiet Series 10-Bit Transparent Latch with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
SN74LVC1637316-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
74LVT32373Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs Preliminary 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl