Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


74ACTQ841 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 74ACTQ841
Description  Quiet Seriesa™ 10-Bit Transparent Latch with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 4 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
Note 3: Maximum test duration 2.0 ms, one output loaded at a time.
Note 4: PDIP package.
Note 5: Max number of outputs defined as (n). Data inputs are driven 0V to 3V. One output @ GND.
Note 6: Max number of data inputs (n) switching. (n
− 1) inputs switching 0V to 3V (ACTQ). Input-under-test switching:
3V to threshold (VILD), 0V to threshold (VIHD), f = 1 MHz.
AC Electrical Characteristics
Note 7: Voltage Range 5.0 is 5.0V
± 0.5V.
Note 8: Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs within the same packaged device.
The specification applies to any outputs switching in the same direction, either HIGH to LOW (tOSHL) or LOW to HIGH (tOSLH). Parameter guaranteed by
design. Not tested.
AC Operating Requirements
Note 9: Voltage Range 5.0 is 5.0V
±0.5V.
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 7)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
2.5
7.0
9.5
2.0
10.0
ns
tPHL
Dn to On
tPLH
Propagation Delay
5.0
2.5
7.0
9.5
2.0
10.0
ns
tPHL
LE to On
tPZH
Output Enable Time
5.0
2.5
8.5
11.0
2.0
12.0
ns
tPZL
OE to On
tPHZ
Output Disable Time
5.0
1.0
6.0
9.0
1.0
9.5
ns
tPLZ
OE to On
tOSLH
Output to Output
5.0
0.5
1.0
1.0
ns
tOSHL
Skew Dn to On (Note 8)
VCC
TA = + 25
TA = − 40°C to + 85°C
Symbol
Parameter
(V)
CL = 50 pF °CCL = 50 pF
Units
(Note 9)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
5.0
3.0
3.0
ns
Dn to LE
tH
Hold Time, HIGH or LOW
5.0
1.5
1.5
ns
Dn to LE
tW
LE Pulse Width, HIGH
5.0
4.0
4.0
ns
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
85.0
pF
VCC = 5.0V




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74ACTQ843Quiet Seriesa™ 9-Bit Transparent Latch with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVC841A10-bit transparent latch with 5-volt tolerant inputs/outputs 3-State 1 2 3 4 5 MoreNXP Semiconductors
74ACT84110-Bit Transparent Latch with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ACTQ821Quiet Seriesa™ 10-Bit D-Type Flip-Flop with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ACTQ827Quiet Seriesa™ 10-Bit Buffer/Line Driver with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ACQ373Quiet Series™ Octal Transparent Latch with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ACTQ533Quiet Series Octal Transparent Latch with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
54ACTQ841Quiet Series 10-Bit Transparent Latch with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
SN74LVC1637316-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
74LVT32373Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs Preliminary 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl