Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


74ACTQ841 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. 74ACTQ841
Description  Quiet Seriesa™ 10-Bit Transparent Latch with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 3 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, with-
out exception, to ensure that the system design is reliable over its power
supply, temperature, and output/input loading variables. Fairchild does not
recommend operation of FACT
™ circuits outside databook specifications.
DC Electrical Characteristics
Note 2: All outputs loaded; thresholds on input associated with output under test.
Supply Voltage (VCC)
− 0.5V to + 7.0V
DC Input Diode Current (IIK)
VI = − 0.5V
− 20 mA
VI = VCC + 0.5V
+ 20 mA
DC Input Voltage (VI)
− 0.5V to V
CC + 0.5V
DC Output Diode Current (IOK)
VO = − 0.5V
− 20 mA
VO = VCC + 0.5V
+ 20 mA
DC Output Voltage (VO)
− 0.5V to V
CC + 0.5V
DC Output Source
or Sink Current (IO)
± 50 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
± 50 mA
Storage Temperature (TSTG)
− 65°C to + 150°C
DC Latch-Up Source
or Sink Current
± 300 mA
Junction Temperature (TJ)
PDIP
140
°C
Supply Voltage (VCC)
4.5V to 5.5V
Input Voltage (VI)0V to VCC
Output Voltage (VO)0V to VCC
Operating Temperature (TA)
− 40°C to + 85°C
Minimum Input Edge Rate
∆V/∆t
125 mV/ns
VIN from 0.8V to 2.0V
VCC @ 4.5V, 5.5V
Symbol
Parameter
VCC
TA = +25°CTA = − 40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum High Level
4.5
1.5
2.0
2.0
V
VOUT = 0.1V
Input Voltage
5.5
1.5
2.0
2.0
or VCC − 0.1V
VIL
Maximum Low Level
4.5
1.5
0.8
0.8
V
VOUT = 0.1V
Input Voltage
5.5
1.5
0.8
0.8
or VCC − 0.1V
VOH
Minimum High Level
4.5
4.49
4.4
4.4
V
IOUT = − 50 µA
Output Voltage
5.5
5.49
5.4
5.4
VIN = VIL or VIH
4.5
3.86
3.76
V
IOH = − 24 mA
5.5
4.86
4.76
IOH = − 24 mA (Note 2)
VOL
Maximum Low Level
4.5
0.001
0.1
0.1
V
IOUT = 50 µA
Output Voltage
5.5
0.001
0.1
0.1
VIN = VIL or VIH
4.5
0.36
0.44
V
IOL = − 24 mA
5.5
0.36
0.44
IOL = − 24 mA (Note 2)
IIN
Maximum Input
5.5
± 0.1
± 1.0
µAV
I = VCC, GND
Leakage Current
IOZ
Maximum 3-STATE
5.5
± 0.5
± 5.0
µAV
I = VIL, VIH
Leakage Current
VO = VCC, GND
ICCT
Maximum ICC/Input
5.5
0.6
1.5
mA
VI = VCC − 2.1V
IOLD
Minimum Dynamic
5.5
75
mA
VOLD = 1.65V Max
IOHD
Output Current (Note 3)
5.5
−75
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent
5.5
8.0
80.0
µAV
IN = VCC or GND
Supply Current
VOLP
Quiet Output
5.0
1.1
1.5
V
Figure 1, Figure 2
Maximum Dynamic VOL
(Note 4)(Note 5)
VOLV
Quiet Output
5.0
−0.6
−1.2
V
Figure 1, Figure 2
Minimum Dynamic VOL
(Note 4)(Note 5)
VIHD
Minimum High Level
5.0
1.9
2.2
V
(Note 4)(Note 6)
Dynamic Input Voltage
VILD
Maximum Low Level
5.0
1.2
0.8
V
(Note 4)(Note 6)
Dynamic Input Voltage




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74ACTQ843Quiet Seriesa™ 9-Bit Transparent Latch with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVC841A10-bit transparent latch with 5-volt tolerant inputs/outputs 3-State 1 2 3 4 5 MoreNXP Semiconductors
74ACT84110-Bit Transparent Latch with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ACTQ821Quiet Seriesa™ 10-Bit D-Type Flip-Flop with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ACTQ827Quiet Seriesa™ 10-Bit Buffer/Line Driver with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ACQ373Quiet Series™ Octal Transparent Latch with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ACTQ533Quiet Series Octal Transparent Latch with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
54ACTQ841Quiet Series 10-Bit Transparent Latch with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
SN74LVC1637316-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
74LVT32373Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs Preliminary 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl