Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


74ACTQ827 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. 74ACTQ827
Description  Quiet Seriesa™ 10-Bit Buffer/Line Driver with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 2 page
background image
www.fairchildsemi.com
2
Functional Description
The ACTQ827 line driver is designed to be employed as
memory address driver, clock driver and bus-oriented
transmitter/receiver. The devices have 3-STATE outputs
controlled by the Output Enable (OE) pins. When the OE is
LOW, the device is transparent. When OE is HIGH, the
device is in 3-STATE mode.
Function Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
Z
= HIGH Impedance
X
= Immaterial
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Inputs
Outputs
Function
OE
Dn
On
L
H
H
Transparent
L
L
L
Transparent
H
X
Z
High Z




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74ACTQ821Quiet Seriesa™ 10-Bit D-Type Flip-Flop with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ACTQ841Quiet Seriesa™ 10-Bit Transparent Latch with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
SN74LVC828A10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
74ACQ244Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ACTQ823Quiet Seriesa™ 9-Bit D-Type Flip-Flop with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
IDT74LVC827A3.3V CMOS 10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
74ACTQ843Quiet Seriesa™ 9-Bit Transparent Latch with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ACTQ541Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
54ACTQ827Quiet Series 10-Bit Buffer/Line Driver with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
74LVC827A10-bit buffer/line driver with 5-volt tolerant inputs/outputs 3-State 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl