Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


74ACTQ823 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 74ACTQ823
Description  Quiet Seriesa™ 9-Bit D-Type Flip-Flop with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 4 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics for ACTQ (Continued)
Note 7: Max number of data inputs (n) switching. (n
− 1) inputs switching 0V to 3V Input-under-test switching: 3V to threshold (V
ILD),
0V to threshold (VIHD), f = 1 MHz.
AC Electrical Characteristics
Note 8: Voltage Range 5.0 is 5.0V
±0.5V.
Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs within the same packaged device.
The specification applies to any outputs switching in the same direction, either HIGH to LOW (tOSHL) or LOW to HIGH (tOSLH). Parameter guaranteed by
design. Not tested.
AC Operating Requirements
Note 10: Voltage Range 5.0 is 5.0V
±0.5V
Capacitance
VCC
TA = +25°C
TA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 8)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
2.0
7.0
9.0
2.0
10.0
ns
tPHL
CP to On
tPLH
Propagation Delay
5.0
2.0
7.0
9.0
2.0
10.0
ns
tPHL
CLR to On
tPZH
Output Enable Time
5.0
2.5
8.0
10.0
2.5
11.0
ns
tPZL
OE to On
tPHZ
Output Disable Time
5.0
1.0
6.0
8.0
1.0
9.0
ns
tPLZ
OE to On
tOSLH
Output to Output
5.0
0.5
1.0
1.0
ns
tOSHL
Skew Dn to On (Note 9)
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 10)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
5.0
0.5
3.0
3.0
ns
D to CP
tH
Hold Time, HIGH or LOW
5.0
0
1.5
1.5
ns
Dn to CP
tS
Setup Time, HIGH or LOW
5.0
0
3.0
3.0
ns
EN to CP
tH
Hold Time, HIGH or LOW
5.0
0
1.5
1.5
ns
EN to CP
tW
CP Pulse Width
5.0
2.5
4.0
4.0
ns
HIGH or LOW
tW
CLR Pulse Width, LOW
5.0
3.0
4.0
ns
trec
CLR to CP
5.0
1.5
3.5
4.0
ns
Recovery Time
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
54
pF
VCC = 5.0V




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74ACTQ821Quiet Seriesa™ 10-Bit D-Type Flip-Flop with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ACQ374Quiet Series™ Octal D-Type Flip-Flop with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ACQ574Quiet Series™ Octal D-Type Flip-Flop with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ACTQ843Quiet Seriesa™ 9-Bit Transparent Latch with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
SN74ALVCH16237416-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
74LVX574Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVC16374A16-bit edge triggered D-type flip-flop with 5 Volt tolerant inputs/outputs 3-State 1 2 3 4 5 MoreNXP Semiconductors
SN74LVCH32374A32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
TD74BC574POctal D-Type Flip-Flop with 3-State Outputs Non-Inverted 1 2 3 4 5 MoreToshiba Semiconductor
SN74F574OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS 1 2 3 4 5 Texas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl