Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

030-6878-0 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # 030-6878-0
Description  LAMINATED TRANSFORMERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

030-6878-0 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  030-6878-0 Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 769 85538070 •• Taiwan 886 3 4641811
www.pulseeng.com
24
LT2007 (9/07)
LAMINATED TRANSFORMERS
Type UI30 / 5.5 - 2VA
2,5
(0.098)
47,5
(1.87)
53
(2.09)
35
(1.38)
Pin Ø 0,8 mm
(Pin DIA. 0.031)
40
Ø 2,1
(0.083)
(1.57)
Mechanical
Schematics
3
15
7
230 V
3
15
7
3
15
7
3
15
7
double voltage
sec 2
sec 1
sec 2
sec 1
10
12
16
14
115 V
10
12
14
16
115 V
115 V
10
12
14
16
115 V
115 V
10
12
14
16
double current
2x115
6/166 / 6/166
9.10/9.10
030-6866.0
1/3*
2x115
9/111 / 9/111
13.60/13.60
030-6869.0
1/3*
2x115
12/83 / 12/83
17.60/17.60
030-6872.0
1/3*
2x115
15 /66 / 15/66
23.00/23.00
030-6875.0
1/3*
2x115
18/55 / 18/55
24.80/24.80
030-6878.0
1/3*
2x115
21/47 / 21/47
30.50/30.50
030-6881.0
1
*NOTE: When checking the approval status of this product with VDE, add the prefix
"BV" and the suffix "L" to the orderable Part Number (these letters will also be found
on the part label). The prefix and suffix are not part of the orderable Part Number.
Primary
Secondary
No-Load
Part
Agency
(V)
(V / mA)
Voltage (V)
Number
Approvals1
Frequency 50/60Hz
Potted under vacuum
Split-bobbin
Temperature class ta 70°C/B
Weight: 0.115kg
Packaging unit: 15 pieces (tray)
Fixing material for
2,5mm (0.098 inch)
• Self-tapping screws: DIN 7513 (M 3x8)
• Sheet-metal screws: DIN 7971 (2,9x6,5)
AGENCY
APPROVALS
1. UL 506, File E113449
3. EN61558
V
D E


Similar Part No. - 030-6878-0

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
030-6878.0 PULSE-030-6878.0 Datasheet
86Kb / 1P
   LAMINATED TRANSFORMERS
More results

Similar Description - 030-6878-0

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
030-7257-0 PULSE-030-7257-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7273-0 PULSE-030-7273-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7275-0 PULSE-030-7275-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7277-0 PULSE-030-7277-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7292-0 PULSE-030-7292-0 Datasheet
61Kb / 1P
   LAMINATED TRANSFORMERS
030-7293-0 PULSE-030-7293-0 Datasheet
61Kb / 1P
   LAMINATED TRANSFORMERS
030-7311-0 PULSE-030-7311-0 Datasheet
61Kb / 1P
   LAMINATED TRANSFORMERS
030-7313-0 PULSE-030-7313-0 Datasheet
61Kb / 1P
   LAMINATED TRANSFORMERS
030-7314-0 PULSE-030-7314-0 Datasheet
61Kb / 1P
   LAMINATED TRANSFORMERS
030-7329-0 PULSE-030-7329-0 Datasheet
60Kb / 1P
   LAMINATED TRANSFORMERS
030-7332-0 PULSE-030-7332-0 Datasheet
60Kb / 1P
   LAMINATED TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com