Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACTQ273SC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ACTQ273SC
Description  Quiet Series Octal D-Type Flip-Flop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ273SC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ACTQ273SC Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ273SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ273SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ273SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ273SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ273SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ273SC Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ273SC Datasheet HTML 8Page - Fairchild Semiconductor 74ACTQ273SC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2001 Fairchild Semiconductor Corporation
DS010585
www.fairchildsemi.com
August 1989
Revised August 2001
74ACTQ273
Quiet Series Octal D-Type Flip-Flop
General Description
The ACTQ273 has eight edge-triggered D-type flip-flops
with individual D inputs and Q outputs. The common buff-
ered Clock (CP) and Master Reset (MR) input load and
reset (clear) all flip-flops simultaneously.
The register is fully edge-triggered. The state of each D-
type input, one setup time before the LOW-to-HIGH clock
transition, is transferred to the corresponding flip-flop’s Q
output.
All outputs will be forced LOW independently of Clock or
Data inputs by a LOW voltage level on the MR input. The
device is useful for applications where the true output only
is required and the Clock and Master Reset are common to
all storage elements.
The ACTQ utilizes Fairchild Quiet Series
 technology to
guarantee quiet output switching and improved dynamic
threshold performance. FACT Quiet Series
 features
GTO
 output control and undershoot corrector in addition
to a split ground bus for superior performance.
Features
s ICC reduced by 50%
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
s Guaranteed pin-to-pin skew AC performance
s Improved latch-up immunity
s Buffered common clock and asynchronous master reset
s Outputs source/sink 24 mA
s 4 kV minimum ESD immunity
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Connection Diagram
Pin Descriptions
FACT
, FACT Quiet Series, and GTO are trademarks of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74ACTQ273SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74ACTQ273SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACTQ273MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74ACTQ273PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Pin Names
Description
D0–D7
Data Inputs
MR
Master Reset
CP
Clock Pulse Input
Q0–Q7
Data Outputs


Similar Part No. - 74ACTQ273SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ273SJX FAIRCHILD-74ACTQ273SJX Datasheet
110Kb / 9P
   Quiet Series Octal D-Type Flip-Flop
More results

Similar Description - 74ACTQ273SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ273SJX FAIRCHILD-74ACTQ273SJX Datasheet
110Kb / 9P
   Quiet Series Octal D-Type Flip-Flop
logo
National Semiconductor ...
54ACTQ273 NSC-54ACTQ273 Datasheet
176Kb / 8P
   Quiet Series Octal D Flip-Flop
logo
Fairchild Semiconductor
74ACQ374 FAIRCHILD-74ACQ374 Datasheet
106Kb / 11P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ574 FAIRCHILD-74ACQ574_07 Datasheet
278Kb / 11P
   Quiet Series Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ374 FAIRCHILD-74ACQ374_07 Datasheet
309Kb / 12P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ574 FAIRCHILD-74ACQ574 Datasheet
98Kb / 10P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
logo
National Semiconductor ...
54ACQ374 NSC-54ACQ374 Datasheet
173Kb / 8P
   Quiet Series Octal D Flip-Flop with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com