Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE44482 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44482
Description  SMP Male Connector Solder Attachment End Launch PCB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44482 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44482 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44482 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44482 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Max soldering temp : IEC 61760-1, +260 C for 10 sec-
onds,
URL: http://www.pasternack.com/smp-male-standard-surface-mount-end-launch-connector-pe44482-p.aspx
SMP Male Connector Solder Attachment End Launch PCB from Pasternack Enterprises has same day shipment for domestic
and International orders. We maintain 99% availability of the industry’s broadest selection of RF, microwave and fiber optic
products.
SMP Male Connector Solder Attachment End Launch PCB
PE44482
PE44482 REV


Similar Part No. - PE44482

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4448 PASTERNACK-PE4448 Datasheet
118Kb / 1P
   TNC MALE CLAMP ATTACHMENT
PE44480 PASTERNACK-PE44480 Datasheet
231Kb / 3P
   SMP Male Connector Solder Attachment Thru Hole PCB
PE44481 PASTERNACK-PE44481 Datasheet
351Kb / 3P
   SMP Male Limited Detent Connector Solder Attachment Surface Mount PCB
PE44483 PASTERNACK-PE44483 Datasheet
318Kb / 3P
   SMP Male Bulkhead Connector Solder Attachment For PE-SR405AL PE-SR405FL RG405 4.83 mm Diameter
PE44484 PASTERNACK-PE44484 Datasheet
104Kb / 1P
   PRECISION 7mm FOR PE310 VNA TEST CABLE
More results

Similar Description - PE44482

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44490 PASTERNACK-PE44490 Datasheet
267Kb / 3P
   Mini SMP Male Connector Solder Attachment End Launch PCB
PE44942 PASTERNACK-PE44942 Datasheet
372Kb / 3P
   SMP Male Limited Detent Connector Solder Attachment .092 inch End Launch PCB
PE44777 PASTERNACK-PE44777 Datasheet
249Kb / 3P
   SMP Male Connector Solder Attachment End Launch PCB, Up To 8 GHz
PE44943 PASTERNACK-PE44943 Datasheet
375Kb / 3P
   SMP Male Full Detent Connector Solder Attachment .062 inch End Launch PCB
PE44955 PASTERNACK-PE44955 Datasheet
375Kb / 3P
   SMP Male Full Detent Connector Solder Attachment Edge Launch PCB
PE44879 PASTERNACK-PE44879 Datasheet
380Kb / 3P
   SMP Male Smooth Bore Connector Solder Attachment End Launch PCB, Up To 8 GHz
PE44880 PASTERNACK-PE44880 Datasheet
255Kb / 3P
   SMP Male Full Detent Connector Solder Attachment End Launch PCB, Up To 8 GHz
PE44663 PASTERNACK-PE44663 Datasheet
674Kb / 3P
   MMCX Plug Connector Solder Attachment End Launch PCB
PE44616 PASTERNACK-PE44616 Datasheet
210Kb / 2P
   BNC Female Connector Solder Attachment End Launch PCB
PE44661 PASTERNACK-PE44661 Datasheet
228Kb / 3P
   MCX Jack Connector Solder Attachment End Launch PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com