Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCC4041UBK Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCC4041UBK
Description  Rad-hard high voltage CMOS logic series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4041UBK Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCC4041UBK Datasheet HTML 2Page - STMicroelectronics HCC4041UBK Datasheet HTML 3Page - STMicroelectronics HCC4041UBK Datasheet HTML 4Page - STMicroelectronics HCC4041UBK Datasheet HTML 5Page - STMicroelectronics HCC4041UBK Datasheet HTML 6Page - STMicroelectronics HCC4041UBK Datasheet HTML 7Page - STMicroelectronics HCC4041UBK Datasheet HTML 8Page - STMicroelectronics HCC4041UBK Datasheet HTML 9Page - STMicroelectronics HCC4041UBK Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Note:
Contact ST sales office for information about the specific conditions for other CMOS4000 part numbers and product in die form
HCC4514B
Rad-hard 4-bit Latch / 4-to-16 line decoder output high
100 krad (Si)
ESCC
-
9408/012
Flat-24 - DIL-24
HCC4515B
Rad-hard 4-bit Latch / 4-to-16 line decoder output low
-
9205/011
Flat-24 - DIL-24
HCC4516B
Rad-hard presettable 4-bit binary up/down counter
-
9204/045
Flat-16 - DIL-16
HCC4520B
Rad-hard dual binary up-down counter
-
9204/028
Flat-16 - DIL-16
HCC4532B
Rad-hard 8-input priority encoder
-
9202/065
Flat-16 - DIL-16
HCC4538B
Rad-hard dual precision monostable multivibrator
-
9207/007
Flat-16 - DIL-16
HCC4555B
Rad-hard dual 1-of-4 decoder/demux output high
Y
9408/011
Flat-16 - DIL-16
HCC4556B
Rad-hard dual 1-of-4 decoder/demux output low
-
9408/025
Flat-16 - DIL-16
Table 1.
Device summary (continued)
Part number
Description
Radiation level
Agency
qualification
EPPL
ESCC specification
Package


Similar Part No. - HCC4041UBK

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4041UB STMICROELECTRONICS-HCC4041UB Datasheet
295Kb / 12P
   QUAD TRUE/COMPLEMENT BUFFER
HCC4041UB STMICROELECTRONICS-HCC4041UB Datasheet
141Kb / 13P
   RadHardened high voltage complementary MOS logic series
More results

Similar Description - HCC4041UBK

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4060BKT STMICROELECTRONICS-HCC4060BKT Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
54AC74 STMICROELECTRONICS-54AC74 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
RHFAC191D03V STMICROELECTRONICS-RHFAC191D03V Datasheet
1Mb / 29P
   Rad-hard advanced high-speed 5 V CMOS logic series
54AC14 STMICROELECTRONICS-54AC14 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
54ACT151 STMICROELECTRONICS-54ACT151 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
54ACT174 STMICROELECTRONICS-54ACT174 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
M54HCT240 STMICROELECTRONICS-M54HCT240_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC154 STMICROELECTRONICS-M54HC154_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC00 STMICROELECTRONICS-M54HC00_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
logo
Harris Corporation
HS-1840RH HARRIS-HS-1840RH Datasheet
193Kb / 13P
   Rad-Hard 16 Channel CMOS Analog Rad-Hard 16 Channel CMOS Analog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com