Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACTQ16374MTD Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74ACTQ16374MTD
Description  16-Bit D-Type Flip-Flop with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ16374MTD Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74ACTQ16374MTD Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ16374MTD Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ16374MTD Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ16374MTD Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ16374MTD Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ16374MTD Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ16374MTD Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ16374MTD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, with-
out exception to ensure that the system design is reliable over its power
supply, temperature, and output/input loading variables. Fairchild does not
recommend operation of FACT
 circuits outside databook specifications.
DC Electrical Characteristics
Note 2: All outputs loaded; thresholds associated with output under test.
Note 3: Maximum test duration 2.0 ms; one output loaded at a time.
Note 4: Worst case package.
Note 5: Maximum number of outputs that can switch simultaneously is n. (n
− 1) outputs are switched LOW and one output held LOW.
Note 6: Maximum number of outputs that can switch simultaneously is n. (n
− 1) outputs are switched HIGH and one output held HIGH.
Note 7: Maximum number of data inputs (n) switching. (n
− 1) input switching 0V to 3V (ACTQ). Input under test switching 3V to threshold (V
ILD).
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Diode Current (IIK)
VI = −0.5V
−20 mA
VI = VCC + 0.5V
+20 mA
DC Output Diode Current (IOK)
VO = −0.5V
−20 mA
VO = VCC + 0.5V
+20 mA
DC Output Voltage (VO)
−0.5V to V
CC + 0.5V
DC Output Source/Sink Current (IO)
±50 mA
DC VCC or Ground Current
per Output Pin
± 50 mA
Storage Temperature
−65°C to +150°C
Supply Voltage (VCC)
4.5V to 5.5V
Input Voltage (VI)0V to VCC
Output Voltage (VO)0V to VCC
Operating Temperature (TA)
−40°C to +85°C
Minimum Input Edge Rate (
∆V/∆t)
125 mV/ns
VIN from 0.8V to 2.0V
VCC @ 4.5V, 5.5V
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH
4.5
1.5
2.0
2.0
V
VOUT = 0.1V
Input Voltage
5.5
1.5
2.0
2.0
or VCC − 0.1V
VIL
Maximum LOW
4.5
1.5
0.8
0.8
V
VOUT = 0.1V
Input Voltage
5.5
1.5
0.8
0.8
or VCC − 0.1V
VOH
Minimum HIGH
4.5
4.49
4.4
4.4
VIOUT = −50 µA
Output Voltage
5.5
5.49
5.4
5.4
VIN = VIL or VIH
4.5
3.86
3.76
V
IOH = −24 mA
5.5
4.86
4.76
IOH = −24 mA (Note 2)
VOL
Maximum LOW
4.5
0.001
0.1
0.1
VIOUT = 50 µA
Output Voltage
5.5
0.001
0.1
0.1
VIN = VIL or VIH
4.5
0.36
0.44
V
IOL = 24 mA
5.5
0.36
0.44
IOL = 24 mA (Note 2)
IOZ
Maximum 3-STATE
5.5
± 0.5
± 5.0
µA
VI = VIL, VIH
Leakage Current
VO = VCC, GND
IIN
Maximum Input Leakage Current
5.5
± 0.1
± 1.0
µAV
I = VCC, GND
ICCT
Maximum ICC/Input
5.5
0.6
1.5
mA
VI = VCC − 2.1V
ICC
Maximum Quiescent Supply Current
5.5
8.0
80.0
µAV
IN = VCC or GND
IOLD
Minimum Dynamic
5.5
75
mA
VOLD = 1.65V Max
IOHD
Output Current (Note 3)
−75
mA
VOHD = 3.85V Min
VOLP
Quiet Output Maximum
5.0
0.5
0.8
V
Figure 1, Figure 2
Dynamic VOL
(Note 5)(Note 6)
VOLV
Quiet Output
5.0
−0.5
−1.0
V
Figure 1, Figure 2
Minimum Dynamic VOL
(Note 5)(Note 6)
VOHP
Maximum Overshoot
5.0
VOH + 1.0 VOH + 1.5
V
Figure 1, Figure 2
(Note 4)(Note 6)
VOHV
Minimum VCC Droop
5.0
VOH − 1.0 VOH − 1.8
V
Figure 1, Figure 2
(Note 4)(Note 6)
VIHD
Minimum HIGH Dynamic Input Voltage Level
5.0
1.7
2.0
V
(Note 4)(Note 7)
VILD
Maximum LOW Dynamic Input Voltage Level
5.0
1.2
0.8
V
(Note 4)(Note 7)


Similar Part No. - 74ACTQ16374MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ16374MTD FAIRCHILD-74ACTQ16374MTD Datasheet
108Kb / 8P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74ACTQ16374MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT16374 FAIRCHILD-74ACT16374_05 Datasheet
89Kb / 6P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACT16374 FAIRCHILD-74ACT16374 Datasheet
94Kb / 7P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ16374 FAIRCHILD-74ACTQ16374_05 Datasheet
108Kb / 8P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ABT16374 FAIRCHILD-74ABT16374 Datasheet
89Kb / 6P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
Pericom Semiconductor C...
PI74ALVTC16374 PERICOM-PI74ALVTC16374 Datasheet
291Kb / 8P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AVC16374 TI-SN74AVC16374_06 Datasheet
369Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI1-SN74LVCH16374A_14 Datasheet
918Kb / 24P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
SN74AUC16374 TI-SN74AUC16374 Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com