Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB2460600L Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # DB2460600L
Description  Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DB2460600L Datasheet(HTML) 1 Page - Panasonic Semiconductor

  DB2460600L Datasheet HTML 1Page - Panasonic Semiconductor DB2460600L Datasheet HTML 2Page - Panasonic Semiconductor DB2460600L Datasheet HTML 3Page - Panasonic Semiconductor DB2460600L Datasheet HTML 4Page - Panasonic Semiconductor DB2460600L Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Product Standards
Schottky Barrier Diode
DB2460600L
Absolute Maximum Ratings Ta = 25
C
Note: *1 Tl = 80 °C
*2 50 Hz sine wave 1 cycle (Non-repetitive peak current)
Page
V
°C
V
30
A
+85
Non-repetitive peak forward surge current
*2
IFSM
3.0
Maximum peak reverse voltage
VRM
60
Reverse voltage
VR
60
Forward current
*1
IF
62
Packaging
Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
Code
1. Cathode
Panasonic
TMiniP2-F2-B
JEITA
SC-110A
DB2460600L
Silicon epitaxial planar type
For rectification
Features
2. Anode
Forward current (Average) IF(AV) = 3 A rectification is possible
Low forward voltage VF
Halogen-free / RoHS compliant
(EU RoHS / UL-94 V-0 / MSL:Level 1 compliant)
Marking Symbol:
1of 4
Unit: mm
Internal Connection
A
Junction temperature
*1
Tj
150
°C
Unit
Parameter
Symbol
Rating
Storage temperature
Tstg
-40 to
Topr
Operating ambient temperature
°C
-55 to +150
1
2
2.4
0.85
1.75
0.15
2
1
Doc No. TT4-EA-14129
Revision. 2
Established : 2012-03-02
Revised
: 2013-04-20


Similar Part No. - DB2460600L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DB2460100L PANASONIC-DB2460100L Datasheet
330Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
DB2460200L PANASONIC-DB2460200L Datasheet
324Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
DB2460500L PANASONIC-DB2460500L Datasheet
340Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
More results

Similar Description - DB2460600L

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
DB2440200L PANASONICBATTERY-DB2440200L Datasheet
316Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
logo
Panasonic Semiconductor
DB2460100L PANASONIC-DB2460100L Datasheet
330Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
DB2460200L PANASONIC-DB2460200L Datasheet
324Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
logo
Panasonic Battery Group
DB2130200L PANASONICBATTERY-DB2130200L Datasheet
322Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
DB2230400L PANASONICBATTERY-DB2230400L Datasheet
322Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
DB2430500L PANASONICBATTERY-DB2430500L Datasheet
321Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
DB2141200L PANASONICBATTERY-DB2141200L Datasheet
320Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
DB2440500L PANASONICBATTERY-DB2440500L Datasheet
316Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
DB2130300L PANASONICBATTERY-DB2130300L Datasheet
321Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
DB2430100L PANASONICBATTERY-DB2430100L Datasheet
316Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
DB2431200L PANASONICBATTERY-DB2431200L Datasheet
317Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com