Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC7SET14GW Datasheet(PDF) 5 Page - NXP Semiconductors

Part # XC7SET14GW
Description  High-speed Si-gate CMOS device, an inverting buffer function with Schmitt trigger action
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

XC7SET14GW Datasheet(HTML) 5 Page - NXP Semiconductors

  XC7SET14GW Datasheet HTML 1Page - NXP Semiconductors XC7SET14GW Datasheet HTML 2Page - NXP Semiconductors XC7SET14GW Datasheet HTML 3Page - NXP Semiconductors XC7SET14GW Datasheet HTML 4Page - NXP Semiconductors XC7SET14GW Datasheet HTML 5Page - NXP Semiconductors XC7SET14GW Datasheet HTML 6Page - NXP Semiconductors XC7SET14GW Datasheet HTML 7Page - NXP Semiconductors XC7SET14GW Datasheet HTML 8Page - NXP Semiconductors XC7SET14GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
XC7SET14_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 31 August 2009
5 of 14
NXP Semiconductors
XC7SET14
Inverting Schmitt trigger
11.1 Transfer characteristics
12. Dynamic characteristics
[1]
tpd is the same as tPLH and tPHL.
[2]
Typical values are measured at VCC = 5.0 V.
[3]
CPD is used to determine the dynamic power dissipation PD (µW).
PD =CPD × VCC2 × fi + ∑(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V.
Table 8.
Transfer characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V). See Figure 7 and Figure 8.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
VT+
positive-going
threshold
voltage
VCC = 4.5 V
-
-
2.0
-
2.0
-
2.0
V
VCC = 5.5 V
-
-
2.0
-
2.0
-
2.0
V
VT−
negative-going
threshold
voltage
VCC = 4.5 V
0.5
-
-
0.5
-
0.5
-
V
VCC = 5.5 V
0.6
-
-
0.6
-
0.6
-
V
VH
hysteresis
voltage
VCC = 4.5 V
0.4
-
1.4
0.4
1.4
0.35
1.4
V
VCC = 5.5 V
0.4
-
1.6
0.4
1.6
0.35
1.6
V
Table 9.
Dynamic characteristics
GND = 0 V. For waveform see Figure 5. For test circuit see Figure 6.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
propagation
delay
A to Y;
VCC = 4.5 V to 5.5 V
[1]
[2]
CL = 15 pF
-
4.1
7.0
1.0
8.0
1.0
9.0
ns
CL = 50 pF
-
5.9
8.5
1.0
10.0
1.0
11.0
ns
CPD
power
dissipation
capacitance
per buffer;
VI = GND to VCC
[3]
-13-
-
-
-
-
pF


Similar Part No. - XC7SET14GW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
XC7SET14GW NEXPERIA-XC7SET14GW Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
More results

Similar Description - XC7SET14GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XC7SH14 PHILIPS-XC7SH14 Datasheet
95Kb / 14P
   High-speed Si-gate CMOS device, inverting buffer function with Schmitt trigger action
Rev. 01-1 September 2009
XC7WH14 PHILIPS-XC7WH14 Datasheet
139Kb / 18P
   High-speed Si-gate CMOS device, three inverting buffers with Schmitt trigger action
Rev. 4-3 November 2011
XC7WT14 PHILIPS-XC7WT14 Datasheet
132Kb / 18P
   High-speed Si-gate CMOS device, three inverting buffers with Schmitt trigger action
Rev. 2-3 November 2011
XC7SH04 PHILIPS-XC7SH04 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, inverting buffer
Rev. 01-1 September 2009
XC7SHU04 PHILIPS-XC7SHU04 Datasheet
96Kb / 14P
   High-speed Si-gate CMOS device, inverting single stage function
Rev. 01-7 September 2009
XC7SET04 PHILIPS-XC7SET04 Datasheet
73Kb / 11P
   High-speed Si-gate CMOS devices, Inverting buffer
Rev. 01-1 September 2009
logo
Nexperia B.V. All right...
74AHC1GU04-Q100 NEXPERIA-74AHC1GU04-Q100 Datasheet
703Kb / 13P
   The 74AHC1GU04-Q100 is a high-speed Si-gate CMOS device. It provides an inverting single stage function
logo
Unisonic Technologies
U74HCT14 UTC-U74HCT14 Datasheet
112Kb / 5P
   HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
logo
Texas Instruments
CD74HC14 TI-CD74HC14 Datasheet
37Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Hex Inverting Schmitt Trigger
CD54HC14 TI-CD54HC14_05 Datasheet
281Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com