Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC7SET02GW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # XC7SET02GW
Description  High-speed Si-gate CMOS device, 2-input NOR function
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

XC7SET02GW Datasheet(HTML) 3 Page - NXP Semiconductors

  XC7SET02GW Datasheet HTML 1Page - NXP Semiconductors XC7SET02GW Datasheet HTML 2Page - NXP Semiconductors XC7SET02GW Datasheet HTML 3Page - NXP Semiconductors XC7SET02GW Datasheet HTML 4Page - NXP Semiconductors XC7SET02GW Datasheet HTML 5Page - NXP Semiconductors XC7SET02GW Datasheet HTML 6Page - NXP Semiconductors XC7SET02GW Datasheet HTML 7Page - NXP Semiconductors XC7SET02GW Datasheet HTML 8Page - NXP Semiconductors XC7SET02GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
XC7SET02_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 31 August 2009
3 of 11
NXP Semiconductors
XC7SET02
2-input NOR gate
7.
Functional description
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For both TSSOP5 and SC-74A packages: above 87.5
°C the value of P
tot derates linearly with 4.0 mW/K.
Table 4.
Function table
H = HIGH voltage level; L = LOW voltage level
Inputs
Output
A
B
Y
LLH
LH
L
HL
L
HHL
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7.0
V
VI
input voltage
−0.5
+7.0
V
IIK
input clamping current
VI < −0.5 V
−20
-
mA
IOK
output clamping current
VO < −0.5 V or VO >VCC + 0.5 V
[1] -
±20
mA
IO
output current
−0.5 V < VO <VCC + 0.5 V
-
±25
mA
ICC
supply current
-
75
mA
IGND
ground current
−75
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
250
mW


Similar Part No. - XC7SET02GW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
XC7SET02GW NEXPERIA-XC7SET02GW Datasheet
198Kb / 10P
   2-input NOR gate
Rev. 2 - 28 January 2022
More results

Similar Description - XC7SET02GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XC7SH02 PHILIPS-XC7SH02 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, 2-input NOR function
Rev. 01-7 September 2009
XC7SET32 PHILIPS-XC7SET32 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, 2-input OR function
Rev. 01-3 September 2009
XC7SH32 PHILIPS-XC7SH32 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, 2-input OR function
Rev. 01-2 September 2009
XC7SH08 PHILIPS-XC7SH08 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, 2-input AND function
Rev. 01-1 September 2009
XC7SH86 PHILIPS-XC7SH86 Datasheet
75Kb / 11P
   High-speed Si-gate CMOS device, 2-input EXCLUSIVE-OR function
Rev. 01-7 September 2009
XC7SET86 PHILIPS-XC7SET86 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, 2-input EXCLUSIVE-OR function
Rev. 01-7 September 2009
XC7SET08 PHILIPS-XC7SET08 Datasheet
74Kb / 11P
   High-speed Si-gate COMS device, 2-input AND function
Rev. 01-1 September 2009
74AHC3GU04 PHILIPS-74AHC3GU04 Datasheet
97Kb / 17P
   high-speed Si-gate CMOS device
Rev. 01-5 March 2004
XC7SHU04 PHILIPS-XC7SHU04 Datasheet
96Kb / 14P
   High-speed Si-gate CMOS device, inverting single stage function
Rev. 01-7 September 2009
logo
KODENSHI_AUK CORP.
KK74AC02 KODENSHI-KK74AC02 Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com