Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XBDROY-00-0000-000000J01 Datasheet(PDF) 9 Page - Cree, Inc

Part # XBDROY-00-0000-000000J01
Description  XLAMP XB-D LEDS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XBDROY-00-0000-000000J01 Datasheet(HTML) 9 Page - Cree, Inc

Back Button XBDROY-00-0000-000000J01 Datasheet HTML 5Page - Cree, Inc XBDROY-00-0000-000000J01 Datasheet HTML 6Page - Cree, Inc XBDROY-00-0000-000000J01 Datasheet HTML 7Page - Cree, Inc XBDROY-00-0000-000000J01 Datasheet HTML 8Page - Cree, Inc XBDROY-00-0000-000000J01 Datasheet HTML 9Page - Cree, Inc XBDROY-00-0000-000000J01 Datasheet HTML 10Page - Cree, Inc XBDROY-00-0000-000000J01 Datasheet HTML 11Page - Cree, Inc XBDROY-00-0000-000000J01 Datasheet HTML 12Page - Cree, Inc XBDROY-00-0000-000000J01 Datasheet HTML 13Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Copyright © 2011-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
9
xlamp xB-D leDs
thermal desiGN
The maximum forward current is determined by the thermal resistance between the LeD junction and ambient. It is
crucial for the end product to be designed in a manner that minimizes the thermal resistance from the solder point to
ambient in order to optimize lamp life and optical characteristics.
white
0
200
400
600
800
1000
1200
0
20
40
60
80
100
120
140
Ambient Temperature (ºC)
Rj-a = 10°C/W
Rj-a = 15°C/W
Rj-a = 20°C/W
Rj-a = 25°C/W
Thermal
royal blue, blue
0
200
400
600
800
1000
1200
0
20
40
60
80
100
120
140
Ambient Temperature (ºC)
Rj-a = 10°C/W
Rj-a = 15°C/W
Rj-a = 20°C/W
Rj-a = 25°C/W
White
royal Blue, Blue
green
0
200
400
600
800
1000
1200
0
20
40
60
80
100
120
140
Ambient Temperature (ºC)
Rj-a = 15°C/W
Rj-a = 20°C/W
Rj-a = 25°C/W
Rj-a = 10°C/W
Rj-a = 15°C/W
Rj-a = 20°C/W
Rj-a = 25°C/W
amber
0
200
400
600
800
1000
1200
0
20
40
60
80
100
120
140
Ambient Temperature (ºC)
Rj-a = 10°C/W
Rj-a = 15°C/W
Rj-a = 20°C/W
Rj-a = 25°C/W
Rj-a = 10°C/W
Rj-a = 15°C/W
Rj-a = 20°C/W
Rj-a = 25°C/W
amber
Green
red-orange, red
0
200
400
600
800
1000
1200
0
20
40
60
80
100
120
140
Ambient Temperature (ºC)
Rj-a = 10°C/W
Rj-a = 15°C/W
Rj-a = 20°C/W
Rj-a = 25°C/W
Rj-a = 10°C/W
Rj-a = 15°C/W
Rj-a = 20°C/W
Rj-a = 25°C/W
red-orange, red
9


Similar Part No. - XBDROY-00-0000-000000J01

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XBDROY-00-0000-000000J01 CREE-XBDROY-00-0000-000000J01 Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XB-D LEDs
XBDROY-00-0000-000000J01 CREE-XBDROY-00-0000-000000J01 Datasheet
1Mb / 18P
   XLAMP XB-D LEDS
XBDROY-00-0000-000000J01 CREE-XBDROY-00-0000-000000J01 Datasheet
1Mb / 19P
   XLamp XB-D LEDs
More results

Similar Description - XBDROY-00-0000-000000J01

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XB-D CREE-XB-D Datasheet
1Mb / 19P
   XLamp XB-D LEDs
XBDAWT-00-0000-000000F51 CREE-XBDAWT-00-0000-000000F51 Datasheet
1Mb / 18P
   XLAMP XB-D LEDS
XBDAWT-00-0000-000000G51 CREE-XBDAWT-00-0000-000000G51 Datasheet
1,020Kb / 12P
   XLAMP XB-D WHITE LEDS
logo
Cree LED
XB-D CREELED-XB-D Datasheet
2Mb / 42P
   XLamp® XB-D LEDs
REV 15
logo
Cree, Inc
XBHAWT-00-0000-000LT60E1 CREE-XBHAWT-00-0000-000LT60E1 Datasheet
1Mb / 13P
   XLamp XB-H LEDs
XB-H CREE-XB-H Datasheet
1Mb / 13P
   XLamp XB-H LEDs
XBEHVW-H0-0000-00000HFE3 CREE-XBEHVW-H0-0000-00000HFE3 Datasheet
1Mb / 11P
   XLamp XB-E High?멫oltage White LEDs
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
CLD-AP90 CREE-CLD-AP90 Datasheet
1Mb / 11P
   Cree짰 XLamp짰 XB-D LEDs
XBDAWT-00-0000-000000E51 CREE-XBDAWT-00-0000-000000E51 Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XB-D LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com