Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE44255 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE44255
Description  1.0/2.3 Jack Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .235 inch D Hole
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44255 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE44255 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44255 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44255 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - PE44255

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4425 PASTERNACK-PE4425 Datasheet
113Kb / 1P
   SMA FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG188-DS & RG316-DS
PE44254 PASTERNACK-PE44254 Datasheet
246Kb / 2P
   1.0/2.3 Jack Bulkhead Connector Crimp-Solder Attachment For RG174, RG316, RG188, .217 inch DD Hole
PE44256 PASTERNACK-PE44256 Datasheet
266Kb / 3P
   1.0/2.3 Jack Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole
PE44257 PASTERNACK-PE44257 Datasheet
220Kb / 2P
   1.0-2.3 Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .055 inch Hole Spacing
PE44258 PASTERNACK-PE44258 Datasheet
249Kb / 3P
   1.0/2.3 Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .055 inch Hole Spacing
More results

Similar Description - PE44255

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4120 PASTERNACK-PE4120 Datasheet
289Kb / 3P
   SMA Female Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .235 inch D Hole
PE4990 PASTERNACK-PE4990 Datasheet
265Kb / 2P
   2.92mm Female Bulkhead Connector Clamp/Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .235 inch D Hole
PE4864 PASTERNACK-PE4864 Datasheet
259Kb / 2P
   RP SMA Female Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .235 inch D Hole
PE44500 PASTERNACK-PE44500 Datasheet
279Kb / 3P
   QMA Female Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .268 inch D Hole
PE44256 PASTERNACK-PE44256 Datasheet
266Kb / 3P
   1.0/2.3 Jack Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole
PE4113 PASTERNACK-PE4113 Datasheet
108Kb / 1P
   N FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL & PE-SR402FL
PE4150 PASTERNACK-PE4150 Datasheet
96Kb / 1P
   TNC FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL & PE-SR402FL
PE4148 PASTERNACK-PE4148 Datasheet
290Kb / 2P
   TNC Female Bulkhead Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .480 inch D Hole
PE4985 PASTERNACK-PE4985 Datasheet
261Kb / 2P
   3.5mm Female Bulkhead Connector Clamp/Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4915 PASTERNACK-PE4915 Datasheet
96Kb / 1P
   BNC FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL & PE-SR402FL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com