Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XBDAWT-00-0000-00000HAE7 Datasheet(PDF) 2 Page - Cree, Inc

Part # XBDAWT-00-0000-00000HAE7
Description  XLAMP XB-D LED BINNING & LABELING
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XBDAWT-00-0000-00000HAE7 Datasheet(HTML) 2 Page - Cree, Inc

  XBDAWT-00-0000-00000HAE7 Datasheet HTML 1Page - Cree, Inc XBDAWT-00-0000-00000HAE7 Datasheet HTML 2Page - Cree, Inc XBDAWT-00-0000-00000HAE7 Datasheet HTML 3Page - Cree, Inc XBDAWT-00-0000-00000HAE7 Datasheet HTML 4Page - Cree, Inc XBDAWT-00-0000-00000HAE7 Datasheet HTML 5Page - Cree, Inc XBDAWT-00-0000-00000HAE7 Datasheet HTML 6Page - Cree, Inc XBDAWT-00-0000-00000HAE7 Datasheet HTML 7Page - Cree, Inc XBDAWT-00-0000-00000HAE7 Datasheet HTML 8Page - Cree, Inc XBDAWT-00-0000-00000HAE7 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
xlamp xB-D leD Binning & laBeling
bin anD orDer-CoDe formaT
Bin codes and order codes for XB-D White LEDs are configured in the following manner:
Example Order Code: XBDAWT-00-0000-00000HAE7
Example Bin Code: XBDAWT-0-7A3-Q20-0H-0001
PerformanCe grouPs – brighTness (T
J = 85 °C)
XLamp XB-D White LEDs are tested for luminous flux and placed into one of the following luminous-flux groups.
group Code
min. Luminous flux
@ 350 ma (lm)
max. Luminous flux
@ 350 ma (lm)
p2
67.2
73.9
p3
73.9
80.6
p4
80.6
87.4
Q2
87.4
93.9
Q3
93.9
100
Q4
100
107
Q5
107
114
r2
114
122
r3
122
130
r4
130
139
r5
139
148
S2
148
156
bin Code
order Code
SSSCCC-BD-HHHH-NNNNNVFGG
Series
XBD = XB-D
Configuration
B: Voltage class
D: Reel size
Flux
Internal code
Chromaticity kit
Color
AWT = White
Color Specification
0: No Minimum CRI
B: 70 Minimum CRI
L: Standard CRI
H: 80 CRI Minimum
SSSCCC-B-WWW-FFF-VR-AAAA
Series
XBD = XB-D
Configuration
B: Voltage class
Chromaticity bin
Luminous flux group
Internal code
Color
AWT = White
Color specification
0: No Minimum CRI
B: 70 Minimum CRI
L: Standard CRI
H: 80 CRI Minimum
Vf bin
0: Default
Copyright © 2011-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trade-
marks of Cree, Inc. This document is provided for informational purposes only and is not a warranty or a specification. For product specifications, please see the data sheets avail-
able at www.cree.com.


Similar Part No. - XBDAWT-00-0000-00000HAE7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XB-D LEDs
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 17P
   XLAMP XB-D LEDS
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1,020Kb / 12P
   XLAMP XB-D WHITE LEDS
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 18P
   XLAMP XB-D LEDS
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 19P
   XLamp XB-D LEDs
More results

Similar Description - XBDAWT-00-0000-00000HAE7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XR-E CREE-XR-E Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XB-D CREE-XB-D Datasheet
1Mb / 19P
   XLamp XB-D LEDs
XBDAWT-00-0000-000000F51 CREE-XBDAWT-00-0000-000000F51 Datasheet
1Mb / 18P
   XLAMP XB-D LEDS
XBDAWT-00-0000-000000E51 CREE-XBDAWT-00-0000-000000E51 Datasheet
1Mb / 17P
   XLAMP XB-D LEDS
logo
Seoul Semiconductor
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
   Binning and Labeling
logo
Cree, Inc
XR7090AA-BC-0001 CREE-XR7090AA-BC-0001 Datasheet
311Kb / 6P
   XLamp짰 XR LED Binning and Labeling
XBDAWT-00-0000-000000G51 CREE-XBDAWT-00-0000-000000G51 Datasheet
1,020Kb / 12P
   XLAMP XB-D WHITE LEDS
logo
Cree LED
XB-D CREELED-XB-D Datasheet
2Mb / 42P
   XLamp® XB-D LEDs
REV 15
logo
Cree, Inc
XBHAWT-00-0000-000LT60E1 CREE-XBHAWT-00-0000-000LT60E1 Datasheet
1Mb / 13P
   XLamp XB-H LEDs
XB-H CREE-XB-H Datasheet
1Mb / 13P
   XLamp XB-H LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com