Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDPQ2010NP-180MC-330 Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDPQ2010NP-180MC-330
Description  Ferrite core construction, Magnetically shielded
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDPQ2010NP-180MC-330 Datasheet(HTML) 3 Page - Sumida Corporation

  CDPQ2010NP-180MC-330 Datasheet HTML 1Page - Sumida Corporation CDPQ2010NP-180MC-330 Datasheet HTML 2Page - Sumida Corporation CDPQ2010NP-180MC-330 Datasheet HTML 3Page - Sumida Corporation CDPQ2010NP-180MC-330 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3 of 4
Revised: 23-Apr-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDPQ2010
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0
5
10
15
20
25
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0
5
10
15
20
25
30
0
10
20
30
40
50
60
0
3
6
9
12
15
18
0
3
6
9
12
15
18
0
10
20
30
40
50
60
0
3
6
9
12
15
18
0
3
6
9
12
15
18
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
4
8
12
16
20
0
10
20
30
40
50
60
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0
5
10
15
20
25
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0
5
10
15
20
25
30
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
4
8
12
16
20
24
0
10
20
30
40
50
60
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0
5
10
15
20
25
30
0
10
20
30
40
50
60
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0
5
10
15
20
25
30
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0
6
12
18
24
30
36
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
10
20
30
40
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
1. CDPQ2010NP-2R7MC-180
△T (℃)
L (
μH)
2. CDPQ2010NP-3R9MC-180
△T (℃)
L (
μH)
3. CDPQ2010NP-5R6MC-180
L (
μH)
DC (A)
5. CDPQ2010NP-100MC-180
△T (℃)
L (
μH)
6. CDPQ2010NP-3R9MC-270
DC (A)
7. CDPQ2010NP-6R2MC-270
△T (℃)
L (
μH)
8. CDPQ2010NP-8R8MC-270
△T (℃)
L (
μH)
DC (A)
9. CDPQ2010NP-120MC-270
DC (A)
4. CDPQ2010NP-7R5MC-180
△T (℃)
DC (A)
DC (A)
10. CDPQ2010NP-150MC-270
△T (℃)
L (
μH)
DC (A)
11. CDPQ2010NP-4R7MC-330
△T (℃)
L (
μH)
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
L (20
℃)
△T
L (125
℃)
12. CDPQ2010NP-7R5MC-330
△T (℃)
L (
μH)
DC (A)


Similar Part No. - CDPQ2010NP-180MC-330

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDPQ2010NP-180M-300 SUMIDA-CDPQ2010NP-180M-300 Datasheet
244Kb / 4P
   SMD Power Inductor
CDPQ2010NP-180M-300 SUMIDA-CDPQ2010NP-180M-300 Datasheet
269Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDPQ2010NP-180MC-330

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH50D20 SUMIDA-CDRH50D20 Datasheet
245Kb / 4P
   Ferrite drum core construction, Magnetically shielded
logo
TOKO, Inc
181LY-102J TOKO-181LY-102J Datasheet
260Kb / 2P
   Magnetically shielded construction
logo
Sumida Corporation
CDRH10D48AA SUMIDA-CDRH10D48AA Datasheet
228Kb / 2P
   Magnetically shielded construction
logo
AVX Corporation
LMXSF AVX-LMXSF Datasheet
91Kb / 4P
   Magnetically Shielded Construction
LMXSL AVX-LMXSL Datasheet
86Kb / 2P
   Magnetically Shielded Construction
logo
Sumida Corporation
CDRH2D11 SUMIDA-CDRH2D11_13 Datasheet
136Kb / 4P
   Magnetically shielded construction.
CDEIR6D31F SUMIDA-CDEIR6D31F_11 Datasheet
134Kb / 4P
   Ferrite core construction.
CDEP104 SUMIDA-CDEP104_11 Datasheet
182Kb / 5P
   Ferrite core construction.
CDEP85 SUMIDA-CDEP85_11 Datasheet
185Kb / 6P
   Ferrite core construction.
CDPH28D11F SUMIDA-CDPH28D11F_12 Datasheet
179Kb / 4P
   Ferrite core construction.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com