Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB5H411K Datasheet(PDF) 2 Page - Panasonic Battery Group

Part # DB5H411K
Description  DB5H411K0L Embossed type (Thermo-compression sealing): 3 000 pcs / reel (standard)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

DB5H411K Datasheet(HTML) 2 Page - Panasonic Battery Group

  DB5H411K Datasheet HTML 1Page - Panasonic Battery Group DB5H411K Datasheet HTML 2Page - Panasonic Battery Group DB5H411K Datasheet HTML 3Page - Panasonic Battery Group DB5H411K Datasheet HTML 4Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Ver. BED
DB5H411K
2
2
IF  VF
IR  VR
Ct VR
10−3
0
0.4
0.8
0.6
0.2
10−2
10−1
10
1
DB5H411K_ IF-VF
Forward voltage VF (V)
25°C
85°C
100°C
30°C
Ta = 125°C
10−8
0
10
30
20
40
10−6
10−4
10−2
DB5H411K_ IR-VR
Reverse voltage VR (V)
30°C
85°
C
100°
C
25°
C
Ta = 125°C
0
20
40
0
10
20
30
40
140
120
100
80
60
DB5H411K_Ct-VR
Reverse voltage VR (V)
Ta = 25°C
f = 1MHz
1
102
10
103
10−3
10−1
10
103
DB5H411K_Rth-t
Time t (s)
(1) Non-heat sink
(2) Mounted on glass epoxy print board.
(3) Mounted on alumina print board.
(50 mm × 50 mm × 0.8 mm)
Solder in : 2 mm × 2 mm
(1)
(2)
(3)
Rth(j-l) = 40°C/W
0
25
100
75
50
175
125 150
0
0.50
0.25
1.00
0.75
1.25
DB5H411K_ IF(AV)-Tl
Lead temperature Tl (°C)
tp
T
IF
VR = 20 V
Tj = 125°C
tp / T
DC
1/2
Sine Wave
1/4
0
0.75
0.25
0.50
1.25
1.00
0
0.3
0.1
0.2
0.4
0.6
0.5
DB5H411K_
PF(AV)-IF(AV)
Forward current (Average) IF(AV) (Α)
tp
T
IF
DC
1/2
Sine Wave
1/4
Rth  t
IF(AV)  Tl
PF(AV) IF(AV)


Similar Part No. - DB5H411K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DB5 STMICROELECTRONICS-DB5 Datasheet
43Kb / 4P
   TRIGGER DIODES
logo
DIOTEC Electronics Corp...
DB5000P DEC-DB5000P Datasheet
482Kb / 2P
   50 AMP SILICON BRIDGE RECTIFIERS
DB5001P DEC-DB5001P Datasheet
482Kb / 2P
   50 AMP SILICON BRIDGE RECTIFIERS
DB5002P DEC-DB5002P Datasheet
482Kb / 2P
   50 AMP SILICON BRIDGE RECTIFIERS
DB5004P DEC-DB5004P Datasheet
482Kb / 2P
   50 AMP SILICON BRIDGE RECTIFIERS
More results

Similar Description - DB5H411K

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
DB2440200L PANASONICBATTERY-DB2440200L Datasheet
316Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
logo
Panasonic Semiconductor
DB2460100L PANASONIC-DB2460100L Datasheet
330Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
DB2460200L PANASONIC-DB2460200L Datasheet
324Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
logo
Panasonic Battery Group
DB2130200L PANASONICBATTERY-DB2130200L Datasheet
322Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
DB2230400L PANASONICBATTERY-DB2230400L Datasheet
322Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
DB2430500L PANASONICBATTERY-DB2430500L Datasheet
321Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
DB2141200L PANASONICBATTERY-DB2141200L Datasheet
320Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
DB2440500L PANASONICBATTERY-DB2440500L Datasheet
316Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
DB2130300L PANASONICBATTERY-DB2130300L Datasheet
321Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
DB2430100L PANASONICBATTERY-DB2430100L Datasheet
316Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com