Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB2X41100L Datasheet(PDF) 1 Page - Panasonic Battery Group

Part # DB2X41100L
Description  For rectification DB2J411 in Mini2 type package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

DB2X41100L Datasheet(HTML) 1 Page - Panasonic Battery Group

  DB2X41100L Datasheet HTML 1Page - Panasonic Battery Group DB2X41100L Datasheet HTML 2Page - Panasonic Battery Group DB2X41100L Datasheet HTML 3Page - Panasonic Battery Group DB2X41100L Datasheet HTML 4Page - Panasonic Battery Group DB2X41100L Datasheet HTML 5Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Product Standards
Schottky Barrier Diode
DB2X41100L
Absolute Maximum Ratings Ta = 25
C
Note: *1 Tl = 80 °C
*2 50 Hz sine wave 1 cycle (Non-repetitive peak current)
Page
°C
-55 to +150
Storage temperature
Tstg
-40 to
Topr
Internal Connection
A
Unit
Parameter
Symbol
Rating
VR
40
Non-repetitive peak forward surge current
*2
IFSM
1of 4
Unit: mm
2. Anode
Short reverse recovery time trr
Low forward voltage and low reverse leakage current
Halogen-free / RoHS compliant
(EU RoHS / UL-94 V-0 / MSL:Level 1 compliant)
Marking Symbol:
DB2X41100L
Silicon epitaxial planar type
For rectification
DB2J411 in Mini2 type package
Features
Code
1. Cathode
SOD-123
Panasonic
Mini2-F4-B
JEITA
SC-109D
4R
Packaging
Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
+85
°C
Operating ambient temperature
V
Forward current (average)
*1
IF(AV)
1
A
7
Reverse voltage
Junction temperature
*1
Tj
150
°C
1
2
1.6
0.8
0.55
0.13
1
2
Doc No. TT4-EA-13670
Revision. 3
Established : 2011-06-30
Revised
: 2013-04-24


Similar Part No. - DB2X41100L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DB2X4100L PANASONIC-DB2X4100L Datasheet
362Kb / 5P
   Silicon epitaxial planar type For high frequency rectification
DB2X41400L PANASONIC-DB2X41400L Datasheet
340Kb / 5P
   Silicon epitaxial planar type For high frequency rectification
DB2X41400L PANASONIC-DB2X41400L Datasheet
362Kb / 5P
   Silicon epitaxial planar type For high frequency rectification
DB2X41500L PANASONIC-DB2X41500L Datasheet
317Kb / 5P
   Silicon epitaxial planar type For frequency rectification
More results

Similar Description - DB2X41100L

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
DB2W401 PANASONICBATTERY-DB2W401 Datasheet
343Kb / 4P
   For rectification DB24401 in Mini2 type package
DB2X20700L PANASONICBATTERY-DB2X20700L Datasheet
311Kb / 5P
   For high frequency rectification DB3X207K in Mini2 type pack
logo
Panasonic Semiconductor
DA3X108K0L PANASONIC-DA3X108K0L Datasheet
311Kb / 5P
   For small current rectification DA2J108 in Mini3 type package
logo
Panasonic Battery Group
DB2J20600L PANASONICBATTERY-DB2J20600L Datasheet
348Kb / 5P
   For high frequency rectification DB2X206 in SMini2 type package
DZ2W18000L PANASONICBATTERY-DZ2W18000L Datasheet
336Kb / 5P
   DZ2W18000L Silicon epitaxial planar type For constant voltage / For surge absorption circuit DZ24180 in Mini2 type package
logo
Panasonic Semiconductor
DB24404 PANASONIC-DB24404 Datasheet
482Kb / 3P
   Silicon epitaxial planar type For rectification
FK3306010L PANASONIC-FK3306010L Datasheet
368Kb / 6P
   For switching FK350601 in SSSMini3 type package
DB2X41500L PANASONIC-DB2X41500L Datasheet
317Kb / 5P
   Silicon epitaxial planar type For frequency rectification
logo
Pan Jit International I...
PJLEDS3250 PANJIT-PJLEDS3250 Datasheet
136Kb / 3P
   RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
PJLEDS5250 PANJIT-PJLEDS5250 Datasheet
73Kb / 3P
   RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com