Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACTQ10 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74ACTQ10
Description  Quiet Series??Triple 3-Input NAND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ10 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74ACTQ10 Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ10 Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ10 Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ10 Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ10 Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ10 Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ10 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 7: Voltage Range 5.0 is 5.0V
± 0.5V.
Note 8: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 7)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
2.0
6.0
7.5
2.0
8.5
ns
tPHL
Propagation Delay
5.0
2.0
6.0
7.5
2.0
8.5
ns
tOSHL
Output to Output
5.0
0.5
1.0
1.0
ns
tOSLH
Skew (Note 8)
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
85
pF
VCC = 5.0V


Similar Part No. - 74ACTQ10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ14 FAIRCHILD-74ACTQ14 Datasheet
100Kb / 7P
   Quiet Series Hex Inverter with Schmitt Trigger Input
74ACTQ14MTC FAIRCHILD-74ACTQ14MTC Datasheet
100Kb / 7P
   Quiet Series Hex Inverter with Schmitt Trigger Input
74ACTQ14PC FAIRCHILD-74ACTQ14PC Datasheet
100Kb / 7P
   Quiet Series Hex Inverter with Schmitt Trigger Input
74ACTQ14SC FAIRCHILD-74ACTQ14SC Datasheet
100Kb / 7P
   Quiet Series Hex Inverter with Schmitt Trigger Input
74ACTQ14SCX FAIRCHILD-74ACTQ14SCX Datasheet
86Kb / 7P
   Guaranteed simultaneous switching noise level and dynamic threshold performance
More results

Similar Description - 74ACTQ10

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACTQ10 NSC-54ACTQ10 Datasheet
106Kb / 5P
   Quiet Series Triple 3-Input NAND Gate
logo
Fairchild Semiconductor
DM74AS10 FAIRCHILD-DM74AS10 Datasheet
46Kb / 4P
   Triple 3-Input NAND Gate
DM74LS10 FAIRCHILD-DM74LS10 Datasheet
46Kb / 4P
   Triple 3-Input NAND Gate
logo
NXP Semiconductors
74F10 PHILIPS-74F10 Datasheet
72Kb / 8P
   Triple 3-input NAND gate
1989 Sep 20
logo
ON Semiconductor
MC74AC10 ONSEMI-MC74AC10_15 Datasheet
87Kb / 8P
   Triple 3-Input NAND Gate
January, 2015 ??Rev. 9
logo
Integral Corp.
74HC10E INTEGRAL-74HC10E Datasheet
125Kb / 4P
   TRIPLE 3-INPUT NAND GATE
logo
Nexperia B.V. All right...
74HC10-Q100 NEXPERIA-74HC10-Q100 Datasheet
697Kb / 13P
   Triple 3-input NAND gate
logo
NXP Semiconductors
74LVC10A PHILIPS-74LVC10A Datasheet
84Kb / 8P
   Triple 3-input NAND gate
1998 Apr 28
logo
System Logic Semiconduc...
SL74HC10 SLS-SL74HC10 Datasheet
33Kb / 4P
   Triple 3-Input NAND Gate
logo
Fairchild Semiconductor
74AC10 FAIRCHILD-74AC10 Datasheet
84Kb / 7P
   Triple 3-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com