Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE44189 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44189
Description  RT SMA Male Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44189 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44189 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44189 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RT SMA Male Right Angle Connector Crimp/Solder Attachment For RG178, RG196
Configuration
Connector
SMA Male Reverse Thread
Connector Interface Type
RG178,RG196
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.71 [18.03]
Width/Dia., in [mm]
0.312 [7.92]
Height, in [mm]
0.625 [15.88]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Male Reverse Thread
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RT SMA Male Right Angle Connector Crimp/Solder Attachment For RG178, RG196 from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RT SMA Male Right Angle Connector Crimp/Solder Attachment For RG178, RG196 PE44189
URL: http://www.pasternack.com/sma-male-reverse-thread-rg178-rg196-connector-pe44189-p.aspx
PE44189
PE44189 REV
RT SMA Male Right Angle Connector Crimp/
Solder Attachment For RG178, RG196


Similar Part No. - PE44189

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4418 PASTERNACK-PE4418 Datasheet
413Kb / 3P
   SMA Female Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE4418 PASTERNACK-PE4418 Datasheet
377Kb / 3P
   SMA Female Connector Solder Attachment
PE44180 PASTERNACK-PE44180 Datasheet
238Kb / 2P
   75 Ohm TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE44181 PASTERNACK-PE44181 Datasheet
256Kb / 2P
   75 Ohm TNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE44182 PASTERNACK-PE44182 Datasheet
248Kb / 2P
   RT SMA Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
More results

Similar Description - PE44189

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44185 PASTERNACK-PE44185 Datasheet
231Kb / 3P
   RT SMA Male Connector Crimp/Solder Attachment For RG178, RG196
PE44193 PASTERNACK-PE44193 Datasheet
220Kb / 2P
   RT SMA Female Connector Crimp - Solder Attachment For RG178, RG196
PE4296 PASTERNACK-PE4296 Datasheet
289Kb / 3P
   SMA Male Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4788 PASTERNACK-PE4788 Datasheet
228Kb / 3P
   RP SMA Male Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4398 PASTERNACK-PE4398 Datasheet
401Kb / 3P
   SMA Male Connector Crimp - Solder Attachment For RG178, RG196
PE4108 PASTERNACK-PE4108 Datasheet
206Kb / 2P
   SMA Male Right Angle Connector Clamp/ Solder Attachment For RG178, RG196
PE4774 PASTERNACK-PE4774 Datasheet
210Kb / 2P
   RP SMA Male Connector Crimp - Solder Attachment For RG178, RG196
PE44380 PASTERNACK-PE44380 Datasheet
227Kb / 3P
   SSMA Male Right Angle Connector Crimp - Solder Attachment For RG178, RG196
PE4789 PASTERNACK-PE4789 Datasheet
252Kb / 2P
   RP SMA Male Right Angle Connector Solder Attachment For RG178, RG196
PE4213 PASTERNACK-PE4213 Datasheet
103Kb / 1P
   SMA MALE SOLDER ATTACHMENT FOR RG178 & RG196
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com