Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-B09G Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-B09G
Description  18:88 and 88:88 0.56" Four Digit GaP Green Seven Segment Display
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-B09G Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-B09G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-B09G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-B09G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-B09G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-B09G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-B09G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-B09G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-B09G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Electrical/Optical Characteristics at TA = 25˚C
Device Series
HDSP-
Parameter
Symbol
Min. Typ.
Max.
Units Test Conditions
Luminous Intensity/Segment
IV
2000 3200
µcd
IF = 10 mA
(Digit Average)
3200 4500
All Devices
Forward Voltage/Segment or DP VF
1.80
2.20
2.60
V
IF = 20 mA
Peak Wavelength
λPEAK
568
nm
IF = 20 mA
Dominant Wavelength
λd
573
nm
IF = 20 mA
Luminous Intensity
IV-M
2:1
IF = 10 mA
Matching Ratio
Reverse Current
IR
100
µAVR = 5 V
Notes:
1. Typical specification for reference only. Do not exceed absolute maximum ratings.
2. The dominant wavelength,
λd, is derived from the CIE chromaticity diagram and is that single wavelength which defines the color of the device.
Absolute Maximum Ratings
Description
Green
Units
Average Power per Segment or DP
65
mW
Peak Forward Current per Segment or DP
100
mA
DC Forward Current per Segment or DP
25
mA
Operating Temperature Range
–40 to +105
˚C
Storage Temperature Range
–40 to +105
˚C
Reverse Voltage per Segment or DP
5
V
Wavesoldering Temperature for 3 seconds 2 mm below body
250
˚C
Note:
1. Derate above 40˚C at 0.33 mA/˚C for green.
B01G, B02G, B03G, B04G
B05G, B06G, B07G, B08G,
B09G, B10G
Intensity Bin Limits (
µcd at 10 mA)
Device Series HDSP-
B01G, B02G, B03G, B04G
B05G, B06G, B07G, B08G, B09G, B10G
Bin Name
Min.[1]
Max.[1]
Min.[1]
Max.[1]
K
2000
3200
NA
NA
L
3200
5050
3200
5050
M
NA
NA
5050
8000
Note:
1. Tolerance for each bin limit is
±10%.
Color Categories (Tolerance
± 1 nm)
Rank
Symbol
Hue Range
Unit
2
2
573.5–576.5
nm
3
3
570.5–573.5
nm


Similar Part No. - HDSP-B09G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-B09G AVAGO-HDSP-B09G Datasheet
366Kb / 8P
   18:88 and 88:88 0.56" Four Digit GaP Green Seven Segment Display
logo
Agilent(Hewlett-Packard...
HDSP-B09G-00000 HP-HDSP-B09G-00000 Datasheet
356Kb / 8P
   18:88 and 88:88 0.56 Four Digit GaP Green Seven Segment Display
HDSP-B09G-00200 HP-HDSP-B09G-00200 Datasheet
356Kb / 8P
   18:88 and 88:88 0.56 Four Digit GaP Green Seven Segment Display
HDSP-B09G-00300 HP-HDSP-B09G-00300 Datasheet
356Kb / 8P
   18:88 and 88:88 0.56 Four Digit GaP Green Seven Segment Display
HDSP-B09G-0K000 HP-HDSP-B09G-0K000 Datasheet
356Kb / 8P
   18:88 and 88:88 0.56 Four Digit GaP Green Seven Segment Display
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com