Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT841SC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ACT841SC
Description  10-Bit Transparent Latch with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT841SC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ACT841SC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT841SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT841SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT841SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT841SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT841SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT841SC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2000 Fairchild Semiconductor Corporation
DS010156
www.fairchildsemi.com
November 1988
Revised September 2000
74ACT841
10-Bit Transparent Latch with 3-STATE Outputs
General Description
The ACT841 bus interface latch is designed to eliminate
the extra packages required to buffer existing latches and
provide extra data width for wider address/data paths or
buses carrying parity. The ACT841 is a 10-bit transparent
latch, a 10-bit version of the ACT373.
Features
s ACT841 has TTL-compatible inputs
s Outputs source/sink 24 mA
s Non-inverting 3-STATE outputs
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code. (SPC not available in Tape and Reel.)
Logic Symbols
IEEE/IEC
Connection Diagram
Pin Descriptions
FACT
 is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74ACT841SC
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
74ACT841MTC
MTC24
24-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74ACT841SPC
N24C
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Pin Names
Description
D0–D9
Data Inputs
O0–O9
3-STATE Outputs
OE
Output Enable
LE
Latch Enable


Similar Part No. - 74ACT841SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT843 FAIRCHILD-74ACT843 Datasheet
60Kb / 6P
   9-Bit Transparent Latch
logo
National Semiconductor ...
74ACT843 NSC-74ACT843 Datasheet
154Kb / 10P
   9-Bit Transparent Latch
logo
Fairchild Semiconductor
74ACT843SC FAIRCHILD-74ACT843SC Datasheet
60Kb / 6P
   9-Bit Transparent Latch
74ACT843SPC FAIRCHILD-74ACT843SPC Datasheet
60Kb / 6P
   9-Bit Transparent Latch
More results

Similar Description - 74ACT841SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ841 FAIRCHILD-74ACTQ841 Datasheet
66Kb / 7P
   Quiet Seriesa??10-Bit Transparent Latch with 3-STATE Outputs
74ACTQ841 FAIRCHILD-74ACTQ841_00 Datasheet
76Kb / 7P
   Quiet Series 10-Bit Transparent Latch with 3-STATE Outputs
74ACTQ16373 FAIRCHILD-74ACTQ16373 Datasheet
94Kb / 8P
   16-Bit Transparent Latch with 3-STATE Outputs
74ACTQ16373 FAIRCHILD-74ACTQ16373_05 Datasheet
108Kb / 8P
   16-Bit Transparent Latch with 3-STATE Outputs
74ACT16373 FAIRCHILD-74ACT16373 Datasheet
88Kb / 6P
   16-Bit Transparent Latch with 3-STATE Outputs
SCAN18373T FAIRCHILD-SCAN18373T Datasheet
99Kb / 12P
   Transparent Latch with 3-STATE Outputs
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
List of Unclassifed Man...
T74LS373 ETC-T74LS373 Datasheet
236Kb / 5P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT373 FAIRCHILD-74ABT373_07 Datasheet
308Kb / 13P
   Octal Transparent Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com