Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XAL4030-682ME Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # XAL4030-682ME
Description  High Temperature Shielded Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

XAL4030-682ME Datasheet(HTML) 3 Page - Coilcraft lnc.

  XAL4030-682ME Datasheet HTML 1Page - Coilcraft lnc. XAL4030-682ME Datasheet HTML 2Page - Coilcraft lnc. XAL4030-682ME Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical of high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
HIGH TEMPERA
TURE
Document 806-3
Document 806-3 Revised 07/18/12
Shielded Power Inductors–XAL40xx
Typical ESR vs Frequency
Typical L vs Frequency
Irms Derating
Packaging
XAL4020: 1000/7
″ reel; 3500/13″ reel Plastic tape: 12 mm wide,
0.23 mm thick, 8 mm pocket spacing, 2.1 mm pocket depth
XAL4030: 500/7
″ reel; 2000/13″ reel Plastic tape: 12 mm wide,
0.23 mm thick, 8 mm pocket spacing, 3.25 mm pocket depth
XAL4040: 500/7
″ reel; 2000/13″ reel Plastic tape: 12 mm wide,
0.3 mm thick, 8 mm pocket spacing, 4.27 mm pocket depth
0
5
10
15
20
25
30
35
40
45
50
0.1
1
100
10
Frequency (MHz)
0.1
1
10
100
0.1
1
100
10
Frequency (MHz)
15 µH
10 µH
6.8 µH
4.7 µH
2.2 µH
1.5 µH
1.0 µH
0.60 µH
0.40 µH
0.22 µH
0.157 ±0.012
4,0 ±0,3
0.157 ±0.012
4,0 ±0,3
0.132 ±0.008
3,36 ±0,20
0.032 ±0.002
0,82 ±0,05
0.062 ±0.010
1,57 ±0,25
0.038
0,98
0.093
2,37
0.146
3,7
Recommended
Land Pattern
Dash
number
Height
(See table)
Maximum
height
Weight
XAL4020
0.083 / 2,1
0.17 – 0.18 g
0.122
0.161
XAL4030
/ 3,1
0.26 – 0.28 g
XAL4040
/ 4,1
0.35 – 0.37 g
Dimensions are in inches
mm
Orientation
mark
Note:Parts manufactured prior
to 2011 may not have
orientation mark
-40 -20
020406080
100
180
160
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0


Similar Part No. - XAL4030-682ME

ManufacturerPart #DatasheetDescription
logo
Analog Devices
XAL4030-682ME AD-XAL4030-682ME Datasheet
2Mb / 32P
   High Voltage, 1.2 MHz/600 kHz, 800 mA
REV. A
logo
Coilcraft lnc.
XAL4030-682MEB COILCRAFT-XAL4030-682MEB Datasheet
263Kb / 2P
   Shielded Power Inductors XAL4020
XAL4030-682MEB COILCRAFT-XAL4030-682MEB Datasheet
231Kb / 4P
   Shielded Power Inductors
XAL4030-682MEC COILCRAFT-XAL4030-682MEC Datasheet
263Kb / 2P
   Shielded Power Inductors XAL4020
XAL4030-682MEC COILCRAFT-XAL4030-682MEC Datasheet
231Kb / 4P
   Shielded Power Inductors
More results

Similar Description - XAL4030-682ME

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XAL60 COILCRAFT-XAL60 Datasheet
199Kb / 4P
   High Temperature Shielded Power Inductors
XAL7030 COILCRAFT-XAL7030 Datasheet
236Kb / 4P
   High Temperature Shielded Power Inductors
XAL7070 COILCRAFT-XAL7070 Datasheet
208Kb / 4P
   High Temperature Shielded Power Inductors
XAL7020 COILCRAFT-XAL7020 Datasheet
217Kb / 3P
   High Temperature Shielded Power Inductors
XAL1010 COILCRAFT-XAL1010 Datasheet
199Kb / 4P
   High Temperature Shielded Power Inductors
XAL1060 COILCRAFT-XAL1060 Datasheet
201Kb / 3P
   High Temperature Shielded Power Inductors
XAL50 COILCRAFT-XAL50 Datasheet
195Kb / 4P
   High Temperature Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1205 BOURNS-SRR1205 Datasheet
417Kb / 2P
   Shielded High Power Inductors
SRR1206 BOURNS-SRR1206_11 Datasheet
331Kb / 2P
   Shielded High Power Inductors
SRR1208 BOURNS-SRR1208 Datasheet
1Mb / 2P
   Shielded High Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com