Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X0202NN5BA4 Datasheet(PDF) 9 Page - STMicroelectronics

Part # X0202NN5BA4
Description  1.25 A sensitive gate SCR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X0202NN5BA4 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button X0202NN5BA4 Datasheet HTML 3Page - STMicroelectronics X0202NN5BA4 Datasheet HTML 4Page - STMicroelectronics X0202NN5BA4 Datasheet HTML 5Page - STMicroelectronics X0202NN5BA4 Datasheet HTML 6Page - STMicroelectronics X0202NN5BA4 Datasheet HTML 7Page - STMicroelectronics X0202NN5BA4 Datasheet HTML 8Page - STMicroelectronics X0202NN5BA4 Datasheet HTML 9Page - STMicroelectronics X0202NN5BA4 Datasheet HTML 10Page - STMicroelectronics X0202NN5BA4 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
X02
Package information
Doc ID 7480 Rev 4
9/11
Figure 16.
Footprint and connectors for SOT-223 or SMBflat-3L (dimensions in mm)
SOT-223
SOT-223
SOT-223
SOT-223
SMBF3L
SMBF3L
SMBF3L
3.42
3.25
2.92
0.95
2.30
1.10
0.85
1.20
1.20
1.08
1.35
1.08
1.30
5.84
Solder resist
Solder lands
Solder paste
Connector line


Similar Part No. - X0202NN5BA4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X0202NN5BA4 STMICROELECTRONICS-X0202NN5BA4 Datasheet
147Kb / 6P
   1.25A SCRs
More results

Similar Description - X0202NN5BA4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X00619 STMICROELECTRONICS-X00619 Datasheet
183Kb / 10P
   0.8 A sensitive gate SCR
P01XXXA STMICROELECTRONICS-P01XXXA Datasheet
196Kb / 5P
   SENSITIVE GATE SCR
logo
List of Unclassifed Man...
FS0102BA ETC2-FS0102BA Datasheet
142Kb / 4P
   SENSITIVE GATE SCR
logo
STMicroelectronics
TS120F STMICROELECTRONICS-TS120F Datasheet
201Kb / 5P
   SENSITIVE GATE SCR
S0802XH STMICROELECTRONICS-S0802XH Datasheet
317Kb / 5P
   SENSITIVE GATE SCR
X0203MA5BL2 STMICROELECTRONICS-X0203MA5BL2 Datasheet
62Kb / 5P
   SENSITIVE GATE SCR
X0203MA2BL2 STMICROELECTRONICS-X0203MA2BL2 Datasheet
62Kb / 5P
   SENSITIVE GATE SCR
X0402NE1AA2 STMICROELECTRONICS-X0402NE1AA2 Datasheet
386Kb / 6P
   SENSITIVE GATE SCR
X0203NA1BA2 STMICROELECTRONICS-X0203NA1BA2 Datasheet
62Kb / 5P
   SENSITIVE GATE SCR
S0402XH STMICROELECTRONICS-S0402XH Datasheet
60Kb / 5P
   SENSITIVE GATE SCR
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com